Electronic Components Datasheet Search
  English  ▼

X  

TC253 Datasheet(PDF) 9 Page - Texas Instruments

Part # TC253
Description  680x500 PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC253 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TC253 Datasheet HTML 5Page - Texas Instruments TC253 Datasheet HTML 6Page - Texas Instruments TC253 Datasheet HTML 7Page - Texas Instruments TC253 Datasheet HTML 8Page - Texas Instruments TC253 Datasheet HTML 9Page - Texas Instruments TC253 Datasheet HTML 10Page - Texas Instruments TC253 Datasheet HTML 11Page - Texas Instruments TC253 Datasheet HTML 12Page - Texas Instruments TC253 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TC253SPD
680×500 PIXEL CCD IMAGE SENSOR
SOCS062B – JANUARY 2001 – REVISED MAY 2002
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VSS: ADB (see Note 1)
SUB to SUB + 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VSS: ODB
SUB to SUB + 22 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: IAG1, IAG2, SAG, SRG
–10 V to 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: IAG1, SAG, SRG2
–8 V to 8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: SRG1
–5 V to 8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: CMG
–5 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–10
°C to 45°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–10
°C to 55°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to SUB.
recommended operating conditions
MIN
NOM
MAX
UNIT
Substrate bias, VSS
0
V
ADB
12
S ppl
oltage V
For blooming control
6
V
Supply voltage, VDD
ODB
For clearing
13
V
ODB
For transfer
5.5
IAG1
High
2.4
IAG1
Low
–3.2
IAG2
High
4.5
IAG2
Low
–6.2
SAG1
High
2.4
SAG1
Low
–2.4
Input voltage V †
SAG2
High
3.1
V
Input voltage, VI†
SAG2
Low
–4.2
V
SRG1
High
4.2
SRG1
Low
–4.6
SRG2
High
5.7
SRG2
Low
–3.4
CMG
High
7
13.6
CMG
Low
–2
IAG1, IAG2
3.125
Clock freq enc
f
SAG1, SAG2
3.125
MH
Clock frequency, fclock
SRG1, SRG2
12.5
MHz
CMG
12.5
Load capacitance
OUT
6
pF
Operating free-air temperature, TA
–10
45
°C
† Fine tuning of input voltages is required in order to obtain good charge transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com