Electronic Components Datasheet Search
  English  ▼

X  

TC253 Datasheet(PDF) 10 Page - Texas Instruments

Part # TC253
Description  680x500 PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC253 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TC253 Datasheet HTML 6Page - Texas Instruments TC253 Datasheet HTML 7Page - Texas Instruments TC253 Datasheet HTML 8Page - Texas Instruments TC253 Datasheet HTML 9Page - Texas Instruments TC253 Datasheet HTML 10Page - Texas Instruments TC253 Datasheet HTML 11Page - Texas Instruments TC253 Datasheet HTML 12Page - Texas Instruments TC253 Datasheet HTML 13Page - Texas Instruments TC253 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TC253SPD
680×500 PIXEL CCD IMAGE SENSOR
SOCS062B – JANUARY 2001 – REVISED MAY 2002
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
MIN
TYP†
MAX
UNIT
Charge multiplication gain
1
30
(100)‡
Charge multiplication gain temperature coefficient
%/
°C
Excess noise factor for typical CCM gain (see Note 2)
1
1.2
1.4
Dynamic range without CCM gain
58
dB
Dynamic range with typical CCM gain (see Note 3)
50
dB
Charge conversion gain without CCM (see Note 4)
10
µV/e
τ
Signal-response delay time (see Note 5)
9
ns
Output resistance
320
Ω
Amplifier noise-equivalent signal without CCM gain §
42
e
Amplifier noise-equivalent signal with typical CCM gain §
1.5
e
Response linearity with no CCM gain
1
Response linearity with typical CCM gain
1
Charge-transfer efficiency (see Note 6)
0.9998
0.9999
Supply current
2
3
4
mA
IAG-1
2.95
IAG-2
3.22
IAG-1–IAG2
1.98
nF
SAG-1
3.04
nF
SAG-2
3.62
C
Inp t capacitance
SAG-1–SAG2
2.22
Ci
Input capacitance
SRG-1
40
SRG-2
40
SRG-1–SRG2
pF
CMG
30
pF
CMG–SRG1
ODB
1,000
ADB high (see Note 7)
20
SRG-1, 2 high (see Note 7)
45
Pulse amplitude rejection ratio
SRG-1, 2 low (see Note 7)
45
dB
Pulse amplitude rejection ratio
CMG high (see Note 7)
45
dB
CMG low (see Note 7)
45
ODB low (see Note 7)
45
† All typical values are at TA = 25°C.
‡ Maximum CCM gain is not ensured.
§ The values in this table are quoted using correlated double sampling (CDS), which is a signal processing technique that improves performance
by minimizing undesirable effects of reset noise.
NOTES:
2. Excess noise factor F is defined as the ratio of noise sigma after multiplication divided by M times the noise sigma before
multiplication where M is the charge multiplication gain.
3. Dynamic range is –20 times the logarithm of the mean noise sigma divided by the saturation output signal amplitude.
4. Charge conversion factor is defined as the ratio of output signal to input number of electrons.
5. Signal-response delay time is the time between the falling edge of the SRG2 pulse and the output signal valid state.
6. Charge transfer efficiency is 1 minus the charge loss per transfer in the CCD register. The test is performed in the dark using either
electrical or optical input.
7. Rejection ratio is –20 times the logarithm of the output referenced to the reset level divided by the 1 V of amplitude change of the
corresponding gate or terminal signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com