Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS31 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS570LS31
Description  TMS570LS31 HDK User Guide
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS31 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS570LS31 Datasheet HTML 3Page - Texas Instruments TMS570LS31 Datasheet HTML 4Page - Texas Instruments TMS570LS31 Datasheet HTML 5Page - Texas Instruments TMS570LS31 Datasheet HTML 6Page - Texas Instruments TMS570LS31 Datasheet HTML 7Page - Texas Instruments TMS570LS31 Datasheet HTML 8Page - Texas Instruments TMS570LS31 Datasheet HTML 9Page - Texas Instruments TMS570LS31 Datasheet HTML 10Page - Texas Instruments TMS570LS31 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TMS570LS31 HDK User Guide
7
1.5 HDK Specifications
 Board supply voltage: 5V–12V Vdc
 Board supply current: 130mA typ (fully active, CPU at 180 MHz)
 Dimensions: 4.90” x 4.30” x 0.85” (LxWxH)
1.6 Basic Operation
The HDK is designed to work with TI’s Code Composer Studio and other 3
rd party
ARM IDEs (Integrated Development Environments). The IDE communicates with
the board through the embedded emulator or an external JTAG emulator. To
start, follow the instructions in the Quick Start Guide to install Hercules specific
software. This process will install all of the necessary development tools,
documentation and drivers.
1.7 Memory Map
The TMS570LS31 family of MCUs have a large byte addressable address space.
The memory map table shows the address space of a TMS570LS3137
microcontroller on the left with specific details of how each region is used on the
right. By default, the internal memory sits at the beginning of the address space.
The SDRAM is mapped into CS0 space on the EMIF. CS2/3/4 are used for
synchronous memory for example SRAM, NOR flash, NAND flash etc.
To use EMIF, the MPU has to be enabled, and the CS regions have to be
configured as “device mode” or “strongly ordered mode” through MPU.
Table 1, TMS570LS31 Memory Map
Start
Address
End Address
HDK
0x0000 0000
0x002F FFFF
Flash
0x0800 0000
0x0803 FFFF
RAM
0x0840 0000
0x0843 FFFF
RAM-ECC
0x6000 0000
0x63FF FFFF
CS2 Async RAM
0x6400 0000
0x67FF FFFF
CS3 Async RAM
0x6800 0000
0x7BFF FFFF
CS4 Async RAM
0x8000 0000
0x87FF FFFF
CS0 Sync SDRAM
1.8 Power Supply
The HDK board operates from a single +12V external power supply connected to
the main power input (P1), a 2.5 MM, barrel-type plug. Internally, the +12V input
is converted into +1.2V, +3.3V and +5.0V using Texas Instruments swift voltage
regulators and PTH power module. The +1.2V supply is used for the MCU core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com