Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS31 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS570LS31
Description  TMS570LS31 HDK User Guide
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS31 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS570LS31 Datasheet HTML 9Page - Texas Instruments TMS570LS31 Datasheet HTML 10Page - Texas Instruments TMS570LS31 Datasheet HTML 11Page - Texas Instruments TMS570LS31 Datasheet HTML 12Page - Texas Instruments TMS570LS31 Datasheet HTML 13Page - Texas Instruments TMS570LS31 Datasheet HTML 14Page - Texas Instruments TMS570LS31 Datasheet HTML 15Page - Texas Instruments TMS570LS31 Datasheet HTML 16Page - Texas Instruments TMS570LS31 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TMS570LS31 HDK User Guide
13
To GND thru 0 W
15 16
GND
EMTTRACECTL
17 18
ETMDATA[19]
ETMDATA[0]
19 20
ETMDATA[20]
ETMDATA[1]
21 22
ETMDATA[21]
ETMDATA[2]
23 24
ETMDATA[22]
ETMDATA[3]
25 26
ETMDATA[23]
ETMDATA[4]
27 28
ETMDATA[24]
ETMDATA[5]
29 30
ETMDATA[25]
ETMDATA[6]
31 32
ETMDATA[26]
ETMDATA[7]
33 34
ETMDATA[27]
ETMDATA[8]
35 36
ETMDATA[28]
ETMDATA[9]
37 38
ETMDATA[29]
ETMDATA[10]
39 40
ETMDATA[30]
ETMDATA[11]
41 42
ETMDATA[31]
ETMDATA[12]
43 44
NC
ETMDATA[13]
45 46
NC
ETMDATA[14]
47 48
NC
ETMDATA[15]
49 50
NC
ETMDATA[16]
51 52
NC
ETMDATA[17]
53 54
NC
ETMDATA[18]
55 56
NC
GND
57 58
GND
NC
59 60
NC
2.2.5 J7, XDS100V2 USB JTAG Interface
The USB connector J7 is used to connect to the host development system which
is running the software development IDE (CCS for example). The signals on this
connector are shown in the table below.
Table 7, J7, XDS100V2 USB JTAG Interface
Pin #
Signal Name
1
USBVDD
2
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com