Electronic Components Datasheet Search
  English  ▼

X  

TFB2002BPPM Datasheet(PDF) 3 Page - Texas Instruments

Part # TFB2002BPPM
Description  FUTUREBUS I/O CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2002BPPM Datasheet(HTML) 3 Page - Texas Instruments

  TFB2002BPPM Datasheet HTML 1Page - Texas Instruments TFB2002BPPM Datasheet HTML 2Page - Texas Instruments TFB2002BPPM Datasheet HTML 3Page - Texas Instruments TFB2002BPPM Datasheet HTML 4Page - Texas Instruments TFB2002BPPM Datasheet HTML 5Page - Texas Instruments TFB2002BPPM Datasheet HTML 6Page - Texas Instruments TFB2002BPPM Datasheet HTML 7Page - Texas Instruments TFB2002BPPM Datasheet HTML 8Page - Texas Instruments TFB2002BPPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TFB2002BI
FUTUREBUS+ I/O CONTROLLER
SLLS182 – AUGUST 1994
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
host interface
TERMINAL
I/O
FROM/TO
DESCRIPTION
NAME
NO.
I/O
FROM/TO
DESCRIPTION
BSTAT< 1:0 >*
206
I/O
Host interface
Host-interface status:
207
HH
Normal
HL
Reserved
LH
LL
Bus error
Bk ff/ t
LL
Backoff/retry
BSTRDY*
43
I/O
Host interface
Burst ready
CLK
172
I
Host interface
Clock input. CLK is the processor clock for synchronous transactions on the
host side. Up to 25 MHz is recommended.
DL < 1:0 >
23, 25
I/O
Host interface
Host-interface data length:
LL
64 bytes
LH
y
32 bytes
HL
HH
16 bytes
8b t
HH
8 bytes
DSACK< 1:0 >*
26
27
I/O
Host interface
Data acknowledge:
Single mode (TBST* = high):
Burst mode (TBST* = low):
LL
Complete cycle,
LL
Low speed, 32-bit burst capable
LL
Com lete cycle,
data bus port 32
LL
Low s eed, 32 bit burst ca able
LH
Reserved
LH
High speed, 32-bit burst capable
HL
Reserved
HL
g,
Low speed, 64-bit burst capable
HH
Insert wait state
HH
High speed, 64-bit burst capable
DW64*
192
I/O
Host interface
Host-interface data width of 64 (burst mode only)
HAS*
14
I/O
Host interface
Host-interface address strobe
HBG*
184
I
Host interface
Host-interface grant input
HBGACK*
183
I/O
(open collector)
Host interface
Host-interface grant acknowledge
HBR*
185
O
(open collector)
Host interface
Host-interface request output
HDS*
191
I/O
Host interface
Host-interface data strobe
HIP*
15
I/O
Host interface
Host-interface transaction in progress
IGNORE*
179
I
Host interface
Ignore the current host transaction input. IGNORE* is supplied by the host-
memory decoder when an access to private memory occurs. IGNORE* is
optional and should be tied high if it is not used.
INT*
180
O
(open collector)
Host interface
Host interrupt output. When an enabled interrupt condition occurs, INT* is driven
low. Interrupts are cleared by writing a one to the appropriate bit in the interrupt
register. The interrupt goes high during the write cycle to the interrupt register
even if another interrupt is pending. Also used from FB+ CM < 2:0 > lines to a
mastered HIF locked operation. These terminals are used as inputs when the
IOC is a host-interface slave/FB+ master.
LK*
196
I/O
Host interface
Host cycle is locked (indivisible)
LKFLD0,
LKFLD1,
LKFLD2
187
188
189
I/O
Host interface
Locked-command bits passed from the host interface to FB+ or from FB+ to the
host interface via the CM < 2:0 > lines during a mastered FB+ data phase in a
locked operation. Also used from FB+ CM < 2:0 > lines to a mastered HIF locked
operation. These terminals are used as inputs when the IOC is a host interface
slave/FB+ master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com