Electronic Components Datasheet Search
  English  ▼

X  

TFB2002BPPM Datasheet(PDF) 11 Page - Texas Instruments

Part # TFB2002BPPM
Description  FUTUREBUS I/O CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2002BPPM Datasheet(HTML) 11 Page - Texas Instruments

Back Button TFB2002BPPM Datasheet HTML 5Page - Texas Instruments TFB2002BPPM Datasheet HTML 6Page - Texas Instruments TFB2002BPPM Datasheet HTML 7Page - Texas Instruments TFB2002BPPM Datasheet HTML 8Page - Texas Instruments TFB2002BPPM Datasheet HTML 9Page - Texas Instruments TFB2002BPPM Datasheet HTML 10Page - Texas Instruments TFB2002BPPM Datasheet HTML 11Page - Texas Instruments TFB2002BPPM Datasheet HTML 12Page - Texas Instruments TFB2002BPPM Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TFB2002BI
FUTUREBUS+ I/O CONTROLLER
SLLS182 – AUGUST 1994
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
0
°–7°
PLASTIC QUAD FLATPACK
4040025/A–10/93
0,75
0,50
156
105
157
208
152
104
53
25,50 TYP
28,20
27,80
SQ
SQ
30,40
30,80
3,20
3,60
0,16 TYP
PPM/S-PQFP-G208
4,10 MAX
Seating Plane
0,25 MIN
0,08
0,27
0,17
0,50 TYP
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MO-143.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com