Electronic Components Datasheet Search
  English  ▼

X  

TIL302 Datasheet(PDF) 6 Page - Texas Instruments

Part # TIL302
Description  NUMERIC DISGPLAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIL302 Datasheet(HTML) 6 Page - Texas Instruments

  TIL302 Datasheet HTML 1Page - Texas Instruments TIL302 Datasheet HTML 2Page - Texas Instruments TIL302 Datasheet HTML 3Page - Texas Instruments TIL302 Datasheet HTML 4Page - Texas Instruments TIL302 Datasheet HTML 5Page - Texas Instruments TIL302 Datasheet HTML 6Page - Texas Instruments TIL302 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TIL302, TIL303, TIL304
NUMERIC DISPLAYS
SOES010A, APRIL 1971 − REVISED DECEMBER 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
6
APPLICATION INFORMATION
FUNCTION TABLE
SN7447A
DECIMAL
OR
INPUTS
BI/RBO†
SEGMENTS
NOTE
OR
FUNCTION
LT
RBI
D
C
B
A
BI/RBO†
a
b
c
d
e
f
g
NOTE
0
1
2
3
H
H
H
H
H
X
X
X
L
L
L
L
L
L
L
L
L
L
H
H
L
H
L
H
H
H
H
H
ON
OFF
ON
ON
ON
ON
ON
ON
ON
ON
OFF
ON
ON
OFF
ON
ON
ON
OFF
ON
OFF
ON
OFF
OFF
OFF
OFF
OFF
ON
ON
1
1
1
1
4
5
6
7
H
H
H
H
X
X
X
X
L
L
L
L
H
H
H
H
L
L
H
H
L
H
L
H
H
H
H
H
OFF
ON
OFF
ON
ON
OFF
OFF
ON
ON
ON
ON
ON
OFF
ON
ON
OFF
OFF
OFF
ON
OFF
ON
ON
ON
OFF
ON
ON
ON
OFF
1
1
1
1
8
9
10
11
H
H
H
H
X
X
X
X
H
H
H
H
L
L
L
L
L
L
H
H
L
H
L
H
H
H
H
H
ON
ON
OFF
OFF
ON
ON
OFF
OFF
ON
ON
OFF
ON
ON
OFF
ON
ON
ON
OFF
ON
OFF
ON
ON
OFF
OFF
ON
ON
ON
ON
1
1
1
1
12
13
14
15
H
H
H
H
X
X
X
X
H
H
H
H
H
H
H
H
L
L
H
H
L
H
L
H
H
H
H
H
OFF
ON
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
ON
OFF
OFF
OFF
ON
OFF
ON
ON
ON
OFF
ON
ON
ON
OFF
1
1
1
1
BI
RBI
LT
X
H
L
X
L
X
X
L
X
X
L
X
X
L
X
X
L
X
L
L
H
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
ON
2
3
4
H = high level (logic 1 in positive logic), L = low level (logic 0 in positive logic), X = irrelevant
† BI/RBO is a wire-AND logic serving as a blanking input (BI) and/or ripple-blanking output (RBO).
NOTES: 1. The blanking input (BI) must be open or held at a high logic level when output functions 0 through 15 are desired. The ripple-blanking
input (RBI) must be open or high if blanking of a decimal zero is not desired.
2. When a low logic level is applied directly to the blanking input (BI), all segment outputs are off regardless of any other input.
3. When the ripple-blanking input (RBI) and inputs A, B, C, and D are at a low logic level with the lamp-test input (LT) high, all segment
outputs are off and the ripple-blanking output (RBO) of the decoder goes to a low level (response condition).
4. When the blanking input/ripple-blanking output (BI/RBO) is open or held high and a low is applied to the lamp-test input (LT), all
segments are illuminated.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
NUMERICAL DESIGNATIONS RESULTANT DISPLAYS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com