Electronic Components Datasheet Search
  English  ▼

X  

TIL302 Datasheet(PDF) 1 Page - Texas Instruments

Part # TIL302
Description  NUMERIC DISGPLAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIL302 Datasheet(HTML) 1 Page - Texas Instruments

  TIL302 Datasheet HTML 1Page - Texas Instruments TIL302 Datasheet HTML 2Page - Texas Instruments TIL302 Datasheet HTML 3Page - Texas Instruments TIL302 Datasheet HTML 4Page - Texas Instruments TIL302 Datasheet HTML 5Page - Texas Instruments TIL302 Datasheet HTML 6Page - Texas Instruments TIL302 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TIL302, TIL303, TIL304
NUMERIC DISPLAYS
SOES010A, APRIL 1971 − REVISED DECEMBER 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
1
• Red Solid-State Display
• 6,9-mm (0.270-Inch) Character Height
• High Luminous Intensity
• Low Power Requirements
• Each Unit Visually Checked for Uniformity
of Elements
• Sign, Overflow, and Left or Right Decimal
Capabilities
• Wide Viewing Angle
• Compatible With Most TTL and DTL
Circuits
mechanical data
These assemblies consist of display chips mounted on a header with molded plastic body. Multiple displays may
be mounted on 11,43-mm (0.450-inch) centers.
NOTES: A. All linear dimensions are in millimeters and parenthetically in inches.
B. Centerlines of character segments are shown as dashed lines. Associated dimensions are nominal.
C. The true-position pin spacing is 2,54 mm (0.100 inch) between centerlines. Each centerline is located within 0,26 mm (0.010 inch)
of its true longitudinal position relative to pins 1 and 11.
of Pin 1
2,6 (0.101)
C
L
Decimal
Point
TIL302
19,31 (0.760)
18,29 (0.720)
7,88 (0.310)
7,36 (0.290)
Seating Plane
2,16 (0.085) MAX
4 Places
1,91 (0.075) MAX
2 Places
0,56 (0.022)
0,46 (0.018)
Dia All Pins
2,54 (0.100) T.P.
12 Places
(see Note C)
10,67 (0.420)
9,65 (0.380)
TOP VIEW
3,6 (0.140)
2,8 (0.110)
1
10
°
4,32 (0.170) MIN
Decimal
Point
TIL303
4,4
(0.174)
3,2 (0.127)
3,2 (0.127)
3,9 (0.152)
of Pin Row
For TIL302 and TIL303
CL
1,5
(0.059)
0,25 (0.010) TYP
4 Sides
2,13 (0.084)
TOP VIEW
10
°
Decimal
Point
3,2
(0.126)
3,3 (0.131)
2,06 (0.081)
of Pin Row
C
L
0,71 (0.028)
0,25 (0.010) TYP
4 Sides
2,06 (0.081)
0,48 (0.019)
3.9 (0.152)
0,48 (0.019)
of Pin Row
C
L
TIL302, TIL303, and TIL304
DECIMAL LAYOUTS ARE ON NEXT PAGE
TIL302
TIL303
TIL304
3,3 (0.131)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TIL302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL302 TI-TIL302 Datasheet
102Kb / 7P
NUMERIC DISPLAYS
TIL3020 TI-TIL3020 Datasheet
94Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL3021 TI-TIL3021 Datasheet
94Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL3022 TI-TIL3022 Datasheet
94Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL3023 TI-TIL3023 Datasheet
94Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
More results

Similar Description - TIL302

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN5110GAMW PANASONIC-LN5110GAMW Datasheet
21Kb / 1P
Numeric Display
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
Numeric Display
LN513RAS PANASONIC-LN513RAS Datasheet
21Kb / 1P
Numeric Display
LN513YA PANASONIC-LN513YA Datasheet
21Kb / 1P
Numeric Display
LN513YAS PANASONIC-LN513YAS Datasheet
21Kb / 1P
Numeric Display
LN514RA PANASONIC-LN514RA Datasheet
21Kb / 1P
Numeric Display
LN516YA PANASONIC-LN516YA Datasheet
21Kb / 1P
Numeric Display
LN518YA PANASONIC-LN518YA Datasheet
23Kb / 1P
Numeric Display
LN524RAS PANASONIC-LN524RAS Datasheet
23Kb / 1P
Numeric Display
LN533YAMY PANASONIC-LN533YAMY Datasheet
23Kb / 1P
Numeric Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com