Electronic Components Datasheet Search
  English  ▼

X  

TL750M05 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL750M05
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL750M05 Datasheet(HTML) 4 Page - Texas Instruments

  TL750M05 Datasheet HTML 1Page - Texas Instruments TL750M05 Datasheet HTML 2Page - Texas Instruments TL750M05 Datasheet HTML 3Page - Texas Instruments TL750M05 Datasheet HTML 4Page - Texas Instruments TL750M05 Datasheet HTML 5Page - Texas Instruments TL750M05 Datasheet HTML 6Page - Texas Instruments TL750M05 Datasheet HTML 7Page - Texas Instruments TL750M05 Datasheet HTML 8Page - Texas Instruments TL750M05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TL750M SERIES
SLVS021N – JANUARY 1988 – REVISED AUGUST 2010
www.ti.com
TL750M05 ELECTRICAL CHARACTERISTICS
(1)
VI = 14 V, IO = 300 mA, TJ = 25°C (unless otherwise noted)
TL750M05
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
4.95
5
5.05
Output voltage
V
TJ = 0°C to 125°C
4.9
5.1
VI = 9 V to 16 V, IO = 250 mA
10
25
Input voltage regulation
mV
VI = 6 V to 26 V, IO = 250 mA
12
50
Ripple rejection
VI = 8 V to 18 V, f = 120 Hz
50
55
dB
Output regulation voltage
IO = 5 mA to 750 mA
20
50
mV
IO = 500 mA
0.5
Dropout voltage
V
IO = 750 mA
0.6
Output noise voltage
f = 10 Hz to 100 kHz
500
mV
IO = 750 mA
60
75
Bias current
mA
IO = 10 mA
5
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.1-mF capacitor across the input and a 10-mF tantalum capacitor
on the output, with equivalent series resistance within the guidelines shown in Figure 1.
TL750M08 ELECTRICAL CHARACTERISTICS
(1)
VI = 14 V, IO = 300 mA, TJ = 25°C (unless otherwise noted)
TL750M08
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
7.92
8
8.08
Output voltage
V
TJ = 0°C to 125°C
7.84
8.16
VI = 10 V to 17 V, IO = 250 mA
12
40
Input voltage regulation
mV
VI = 9 V to 26 V, IO = 250 mA
15
68
Ripple rejection
VI = 11 V to 21 V, f = 120 Hz
50
55
dB
Output regulation voltage
IO = 5 mA to 750 mA
24
80
mV
IO = 500 mA
0.5
Dropout voltage
V
IO = 750 mA
0.6
Output noise voltage
f = 10 Hz to 100 kHz
500
mV
IO = 750 mA
60
75
Bias current
mA
IO = 10 mA
5
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.1-mF capacitor across the input and a 10-mF tantalum capacitor
on the output, with equivalent series resistance within the guidelines shown in Figure 1.
4
Submit Documentation Feedback
Copyright © 1988–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com