Electronic Components Datasheet Search
  English  ▼

X  

LM555QML Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM555QML
Description  LM555QML Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555QML Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM555QML Datasheet HTML 2Page - Texas Instruments LM555QML Datasheet HTML 3Page - Texas Instruments LM555QML Datasheet HTML 4Page - Texas Instruments LM555QML Datasheet HTML 5Page - Texas Instruments LM555QML Datasheet HTML 6Page - Texas Instruments LM555QML Datasheet HTML 7Page - Texas Instruments LM555QML Datasheet HTML 8Page - Texas Instruments LM555QML Datasheet HTML 9Page - Texas Instruments LM555QML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical Characteristics (Continued)
AC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
AC:
+5V
≤ V
CC
≤ +15V
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
tR
Rise Time
V
Trig = 5V
(Note 5)
250
nS
9, 10
(Note 5)
400
nS
11
tF
Fall Time
V
Trig = 5V
(Note 5)
250
nS
9, 10
(Note 5)
400
nS
11
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2:
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package
junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax =(TJmax -TA)/θJA
or the number given in the Absolute Maximum Ratings, whichever is lower.
Note 3: Human body model, 1.5K
Ω in series with 100pF.
Note 4: Guaranteed by tests at VCC = 15V.
Note 5: Guaranteed parameter, not tested.
Note 6: No protection against excessive pin 7 current is necessary providing the package dissipation rating will not be exceeded.
Note 7: This will determine the maximum value of RA +RB for 15V operation. The maximum total (RA +RB)is20MΩ.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com