Electronic Components Datasheet Search
  English  ▼

X  

LM555QML Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM555QML
Description  LM555QML Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555QML Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM555QML Datasheet HTML 6Page - Texas Instruments LM555QML Datasheet HTML 7Page - Texas Instruments LM555QML Datasheet HTML 8Page - Texas Instruments LM555QML Datasheet HTML 9Page - Texas Instruments LM555QML Datasheet HTML 10Page - Texas Instruments LM555QML Datasheet HTML 11Page - Texas Instruments LM555QML Datasheet HTML 12Page - Texas Instruments LM555QML Datasheet HTML 13Page - Texas Instruments LM555QML Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Applications Information (Continued)
Figure 5 shows the waveforms generated in this mode of
operation.
The charge time (output high) is given by:
t
1 = 0.693 (RA +RB)C
And the discharge time (output low) by:
t
2 = 0.693 (RB)C
Thus the total period is:
T= t
1 +t2 = 0.693 (RA +2RB)C
The frequency of oscillation is:
Figure 6 may be used for quick determination of these RC
values.
The duty cycle is:
FREQUENCY DIVIDER
The monostable circuit of Figure 1 can be used as a fre-
quency divider by adjusting the length of the timing cycle.
Figure 7 shows the waveforms generated in a divide by three
circuit.
PULSE WIDTH MODULATOR
When the timer is connected in the monostable mode and
triggered with a continuous pulse train, the output pulse
width can be modulated by a signal applied to pin 5. Figure
8 shows the circuit, and in Figure 9 are some waveform
examples.
20149809
VCC = 5V
Top Trace: Output 5V/Div.
TIME = 20µs/DIV.
Bottom Trace: Capacitor Voltage 1V/Div.
RA = 3.9kΩ
RB =3kΩ
C = 0.01µF
FIGURE 5. Astable Waveforms
20149810
FIGURE 6. Free Running Frequency
20149811
VCC = 5V
Top Trace: Input 4V/Div.
TIME = 20µs/DIV.
Middle Trace: Output 2V/Div.
RA = 9.1kΩ
Bottom Trace: Capacitor 2V/Div.
C = 0.01µF
FIGURE 7. Frequency Divider
20149812
FIGURE 8. Pulse Width Modulator
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com