Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 3 Page - Texas Instruments

  OPA2227MDREP Datasheet HTML 1Page - Texas Instruments OPA2227MDREP Datasheet HTML 2Page - Texas Instruments OPA2227MDREP Datasheet HTML 3Page - Texas Instruments OPA2227MDREP Datasheet HTML 4Page - Texas Instruments OPA2227MDREP Datasheet HTML 5Page - Texas Instruments OPA2227MDREP Datasheet HTML 6Page - Texas Instruments OPA2227MDREP Datasheet HTML 7Page - Texas Instruments OPA2227MDREP Datasheet HTML 8Page - Texas Instruments OPA2227MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
OPA2227-EP
www.ti.com
SBOS594 – MARCH 2012
ELECTRICAL CHARACTERISTICS
At TA = 25°C, VS = ±5 V to ±15 V, RL = 10 kΩ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input offset voltage (VOS)
±5
±100
µV
vs Temperature, TA = -55°C to 125°C
±10
±250
µV
vs Temperature (dVOS/dT), TA = -55°C to 125°C
±0.1
µV/°C
vs Power supply (PSRR) TA = -55°C to 125°C
VS = ±2.5 V to ±18 V
±0.5
±2.1
µV/V
vs Time
0.2
µV/mo
dc
0.2
µV/V
Channel separation (dual)
f = 1 kHz, RL = 5 kΩ
110
dB
INPUT BIAS CURRENT
Input bias current (IB)
±2.5
±10
nA
TA = -55°C to 125°C
See Typical Characteristics
Input offset current (IOS)
±2.5
±10
nA
TA = -55°C to 125°C
See Typical Characteristics
NOISE
Input voltage noise, f = 0.1 Hz to 10 Hz
90
nVp-p
15
nVrms
Input voltage noise density (en)
f = 10 Hz
3.5
nV/
√Hz
f = 100 Hz
3
nV/
√Hz
f = 1 kHz
3
nV/
√Hz
Current noise density (in), f = 1 kHz
0.4
pA/
√Hz
INPUT VOLTAGE RANGE
Common-mode voltage range (VCM)
(V-) + 2
(V+) – 2
V
TA = -55°C to 125°C
Common-mode rejection (CMRR)
VCM = (V–) + 2 V to (V+) – 2 V
120
138
dB
TA = -55°C to 125°C
108
138
dB
INPUT IMPEDANCE
Differential
Open-loop voltage gain (AOL)
Ω || pF
107 || 12
Common-mode
VCM = (V–) + 2 V to (V+) – 2 V
Ω || pF
109 || 3
OPEN-LOOP GAIN
Open-loop voltage gain (AOL)
VO = (V–) + 2 V to (V+) – 2 V, RL = 10 kΩ
132
160
TA = -55°C to 125°C
112
160
dB
VO = (V–) + 3.5 V to (V+) – 3.5 V, RL = 600 Ω
132
160
TA = -55°C to 125°C
112
160
FREQUENCY RESPONSE
Gain bandwidth product (GBW)
8
MHz
Slew rate (SR)
2.3
V/µs
Settling time:
0.1%
G = 1, 10-V Step, CL = 100 pF
5
µs
0.01%
G = 1, 10-V Step, CL = 100 pF
5.6
µs
Overload recovery time
VIN x G = VS
1.3
µs
Total harmonic distortion + noise (THD+N)
f = 1 kHz, G = 1, VO = 3.5 Vrms
0.00005
%
OUTPUT
Voltage output
TA = -55°C to 125°C
RL = 10 kΩ
(V-) + 2
(V+) – 2
V
TA = -55°C to 125°C
RL = 600 Ω
(V-) + 3.5
(V+) – 3.5
Short-circuit current (ISC)
±45
mA
Capacitive load drive (CLOAD)
See Typical Characteristics
POWER SUPPLY
Specified voltage range (VS)
±5
±15
V
Operating voltage range
±2.5
±18
V
Quiescent current (per amplifier) (IQ)
IO = 0 A
±3.7
±3.95
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com