Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 1 Page - Texas Instruments

  OPA2227MDREP Datasheet HTML 1Page - Texas Instruments OPA2227MDREP Datasheet HTML 2Page - Texas Instruments OPA2227MDREP Datasheet HTML 3Page - Texas Instruments OPA2227MDREP Datasheet HTML 4Page - Texas Instruments OPA2227MDREP Datasheet HTML 5Page - Texas Instruments OPA2227MDREP Datasheet HTML 6Page - Texas Instruments OPA2227MDREP Datasheet HTML 7Page - Texas Instruments OPA2227MDREP Datasheet HTML 8Page - Texas Instruments OPA2227MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
A
B
D PACKAGE
(TOP VIEW)
OPA2227-EP
www.ti.com
SBOS594 – MARCH 2012
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
Check for Samples: OPA2227-EP
1
FEATURES
•
Low Noise: 3 nV/
√Hz
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Wide Bandwidth: 8 MHz, 2.3 V/
μs
•
Controlled Baseline
•
Settling Time: 5
μs
•
One Assembly/Test Site
•
High CMRR: 138 dB (Typical)
•
One Fabrication Site
•
High Open-Loop Gain: 160 dB (Typical)
•
Available in Military (–55°C/125°C)
•
Low Input Bias Current: 10 nA Maximum at
Temperature Range(1)
25°C
•
Extended Product Life Cycle
•
Low Offset Voltage: 100
μV Maximum at 25°C
•
Extended Product-Change Notification
•
Wide Supply Range: ±2.5 V to ±18 V
•
Product Traceability
APPLICATIONS
•
Data Acquisition
•
Telecom Equipment
•
Geophysical Analysis
•
Vibration Analysis
•
Spectral Analysis
•
Professional Audio Equipment
•
Active Filters
•
Power Supply Control
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The OPA2227 operational amplifier combines low noise and wide bandwidth with high precision to make it the
ideal choice for applications requiring both ac and precision dc performance.
The OPA2227 is unity-gain stable and features high slew rate (2.3 V/
μs) and wide bandwidth (8 MHz).
The OPA2227 operational amplifier is ideal for professional audio equipment. In addition, low quiescent current
and low cost make them ideal for portable applications requiring high precision.
The OPA2227 operational amplifier is a pin-for-pin replacement for the industry standard OP-27 with substantial
improvements across the board. The dual and quad versions are available for space savings and perchannel
cost reduction.
The OPA2227 is available in an SOIC-8 package. Operation is specified from –55°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2227MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2227MDREP TI1-OPA2227MDREP Datasheet
888Kb / 23P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
OPA2227MDREP TI2-OPA2227MDREP Datasheet
551Kb / 24P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
REVISED NOVEMBER 2012
OPA2227MDREP.A TI2-OPA2227MDREP.A Datasheet
551Kb / 24P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
REVISED NOVEMBER 2012
More results

Similar Description - OPA2227MDREP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
Precision Low Noise Operational Amplifier
July 12, 2011
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
Precision High Speed Low Noise Operational Amplifier
logo
Texas Instruments
OPA2277-EP TI1-OPA2277-EP_16 Datasheet
978Kb / 24P
High-Precision, Low-Noise Operational Amplifier
OPA2227-EP TI1-OPA2227-EP_13 Datasheet
888Kb / 23P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com