Electronic Components Datasheet Search
  English  ▼

X  

PCM3070 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3070
Description  Stereo Audio Codec With Embedded miniDSP
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3070 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM3070 Datasheet HTML 4Page - Texas Instruments PCM3070 Datasheet HTML 5Page - Texas Instruments PCM3070 Datasheet HTML 6Page - Texas Instruments PCM3070 Datasheet HTML 7Page - Texas Instruments PCM3070 Datasheet HTML 8Page - Texas Instruments PCM3070 Datasheet HTML 9Page - Texas Instruments PCM3070 Datasheet HTML 10Page - Texas Instruments PCM3070 Datasheet HTML 11Page - Texas Instruments PCM3070 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
PCM3070
SLAS724
– FEBRUARY 2011
www.ti.com
Electrical Characteristics, ADC (continued)
At 25
°C, AVdd, DVdd, IOVDD = 1.8V, LDO_in = 3.3V, AVdd LDO disabled, fs (Audio) = 48kHz, Cref = 10 μF on REF PIN,
PLL disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO ADC
Input signal level (0dB)
Differential Input, CM=0.9V
10
mV
1kHz sine wave input
Differential configuration
IN1L and IN1R routed to Right ADC
IN2L and IN2R routed to Left ADC
Device Setup
Rin =10K, fs =48kHz, AOSR=128
MCLK = 256* fs PLL Disabled
AGC = OFF, Channel Gain=40dB Processing
Block = PRB_R1,
ICN
Idle-Channel Noise, A-weighted(3) (4)
Inputs ac-shorted to ground, input referred
2
μVRMS
noise
AUDIO ADC
1kHz sine wave input
–0.05
dB
Single-ended configuration
Rin = 20K fs = 48kHz, AOSR=128,
Gain Error
MCLK = 256* fs, PLL Disabled
AGC = OFF, Channel Gain=0dB
Processing Block = PRB_R1,
1kHz sine wave input at -3dBFS
108
dB
Single-ended configuration
IN1L routed to Left ADC
Input Channel Separation
IN1R routed to Right ADC, Rin = 20K
AGC = OFF, AOSR = 128,
Channel Gain=0dB, CM=0.9V
1kHz sine wave input at
–3dBFS on IN2L,
115
dB
IN2L internally not routed.
Input Pin Crosstalk
IN1L routed to Left ADC
ac-coupled to ground
1kHz sine wave input at
–3dBFS on IN2R,
IN2R internally not routed.
IN1R routed to Right ADC
ac-coupled to ground
Single-ended configuration Rin = 20K,
AOSR=128 Channel, Gain=0dB, CM=0.9V
217Hz, 100mVpp signal on AVdd,
55
dB
PSRR
Single-ended configuration, Rin=20K,
Channel Gain=0dB; CM=0.9V
Single-Ended, Rin = 10K, PGA gain set to
0
dB
0dB
Single-Ended, Rin = 10K, PGA gain set to
47.5
dB
47.5dB
Single-Ended, Rin = 20K, PGA gain set to
–6
dB
0dB
ADC programmable gain amplifier gain
Single-Ended, Rin = 20K, PGA gain set to
41.5
dB
47.5dB
Single-Ended, Rin = 40K, PGA gain set to
–12
dB
0dB
Single-Ended, Rin = 40K, PGA gain set to
35.5
dB
47.5dB
(3)
Ratio of output level with 1kHz full-scale sine wave input, to the output level with the inputs short circuited, measured A-weighted over a
20Hz to 20kHz bandwidth using an audio analyzer.
(4)
All performance measurements done with 20kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values
8
Submit Documentation Feedback
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM3070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com