Electronic Components Datasheet Search
  English  ▼

X  

PCM3070 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3070
Description  Stereo Audio Codec With Embedded miniDSP
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3070 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM3070 Datasheet HTML 9Page - Texas Instruments PCM3070 Datasheet HTML 10Page - Texas Instruments PCM3070 Datasheet HTML 11Page - Texas Instruments PCM3070 Datasheet HTML 12Page - Texas Instruments PCM3070 Datasheet HTML 13Page - Texas Instruments PCM3070 Datasheet HTML 14Page - Texas Instruments PCM3070 Datasheet HTML 15Page - Texas Instruments PCM3070 Datasheet HTML 16Page - Texas Instruments PCM3070 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
PCM3070
www.ti.com
SLAS724
– FEBRUARY 2011
Electrical Characteristics, Misc.
At 25
°C, AVdd, DVdd, IOVDD = 1.8V, LDO_in = 3.3V, AVdd LDO disabled, fs (Audio) = 48kHz, Cref = 10 μF on REF PIN,
PLL disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
CMMode = 0 (0.9V)
0.9
Reference Voltage Settings
V
CMMode = 1 (0.75V)
0.75
Reference Noise
CM=0.9V, A-weighted, 20Hz to 20kHz bandwidth,
1
μVRfcMS
Cref = 10μF
Decoupling Capacitor
1
10
μF
miniDSP(1)
Maximum miniDSP clock frequency - ADC
DVdd = 1.65V
55.3
MHz
Maximum miniDSP clock frequency - DAC
DVdd = 1.65V
55.3
MHz
Shutdown Current
Coarse AVdd supply turned off, LDO_select held at
Device Setup
ground, No external digital input is toggled
I(DVdd)
0.9
μA
I(IOVDD)
13
nA
(1)
docato-extra-info-title miniDSP miniDSP Processing-block clock speed is specified by design and not tested in production.
Electrical Characteristics, Logic Levels
At 25
°C, AVdd, DVdd, IOVDD = 1.8V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC FAMILY
CMOS
VIH
Logic Level
IIH = 5 μA, IOVDD > 1.6V
0.7
× IOVDD
V
IIH = 5μA, 1.2V ≤ IOVDD <1.6V
0.9
× IOVDD
V
IIH = 5μA, IOVDD < 1.2V
IOVDD
V
VIL
IIL = 5 μA, IOVDD > 1.6V
–0.3
0.3
× IOVDD
V
IIL = 5μA, 1.2V ≤ IOVDD <1.6V
0.1
× IOVDD
V
IIL = 5μA, IOVDD < 1.2V
0
V
VOH
IOH = 2 TTL loads
0.8
× IOVDD
V
VOL
IOL = 2 TTL loads
0.1
× IOVDD
V
Capacitive Load
10
pF
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM3070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com