Electronic Components Datasheet Search
  English  ▼

X  

OPA835IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835IDBVT
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA835IDBVT Datasheet HTML 1Page - Texas Instruments OPA835IDBVT Datasheet HTML 2Page - Texas Instruments OPA835IDBVT Datasheet HTML 3Page - Texas Instruments OPA835IDBVT Datasheet HTML 4Page - Texas Instruments OPA835IDBVT Datasheet HTML 5Page - Texas Instruments OPA835IDBVT Datasheet HTML 6Page - Texas Instruments OPA835IDBVT Datasheet HTML 7Page - Texas Instruments OPA835IDBVT Datasheet HTML 8Page - Texas Instruments OPA835IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
OPA835
OPA2835
SLOS713D
– JANUARY 2011 – REVISED OCTOBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING/ORDERING INFORMATION(1)
CHANNEL
PACKAGE
–
PACKAGE
SPECIFIED TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
COUNT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
OPA835
1
SOT23-6
DBV
–40°C to 125°C
QUM
OPA835IDBVT
TAPE and REEL, 250
OPA835
1
SOT23-6
DBV
–40°C to 125°C
QUM
OPA835IDBVR
TAPE and REEL, 3000
OPA835
1
WQFN-10
RUN
–40°C to 125°C
835
OPA835IRUNT
TAPE and REEL, 250
OPA835
1
WQFN-10
RUN
–40°C to 125°C
835
OPA835IRUNR
TAPE and REEL, 3000
OPA2835
2
SOIC-8
D
–40°C to 125°C
2835
OPA2835ID
RAIL, 75
OPA2835
2
SOIC-8
D
–40°C to 125°C
2835
OPA2835IDR
TAPE and REEL, 2500
OPA2835
2
VSSOP-10
DGS
–40°C to 125°C
2835
OPA2835IDGS
RAIL, 80
OPA2835
2
VSSOP-10
DGS
–40°C to 125°C
2835
OPA2835IDGSR
TAPE and REEL, 2500
OPA2835
2
WQFN-10
RUN
–40°C to 125°C
2835
OPA2835IRUNT
TAPE and REEL, 250
OPA2835
2
WQFN-10
RUN
–40°C to 125°C
2835
OPA2835IRUNR
TAPE and REEL, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
UNITS
VS– to VS+
Supply voltage
5.5
VI
Input voltage
VS– - 0.7V to VS+ + 0.7V
VID
Differential input voltage
1 V
II
Continuous input current
0.85 mA
IO
Continuous output current
60 mA
Continuous power dissipation
See Thermal Characteristics Specification
TJ
Maximum junction temperature
150
°C
TA
Operating free-air temperature range
–40°C to 125°C
Tstg
Storage temperature range
–65°C to 150°C
HBM
6 kV
ESD ratings
CDM
1 kV
MM
200 V
THERMAL INFORMATION
OPA835
OPA835
OPA2835
OPA2835
OPA2835
SOT23-6
WQFN-10
SOT23-6
VSSOP
WQFN-10
THERMAL METRIC(1)
(DBV)
(RUN)
(D)
(MSOP) - 10
(RUN)
UNITS
(DGS)
6 PINS
10 PINS
8 PINS
10 PINS
10 PINS
θJA
Junction-to-ambient thermal resistance
194
145.8
150.1
206
145.8
θJCtop
Junction-to-case (top) thermal resistance
129.2
75.1
83.8
75.3
75.1
θJB
Junction-to-board thermal resistance
39.4
38.9
68.4
96.2
38.9
°C/W
ψJT
Junction-to-top characterization parameter
25.6
13.5
33.0
12.9
13.5
ψJB
Junction-to-board characterization parameter
38.9
104.5
67.9
94.6
104.5
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com