Electronic Components Datasheet Search
  English  ▼

X  

OPA835IDBVT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835IDBVT
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835IDBVT Datasheet(HTML) 36 Page - Texas Instruments

Back Button OPA835IDBVT Datasheet HTML 32Page - Texas Instruments OPA835IDBVT Datasheet HTML 33Page - Texas Instruments OPA835IDBVT Datasheet HTML 34Page - Texas Instruments OPA835IDBVT Datasheet HTML 35Page - Texas Instruments OPA835IDBVT Datasheet HTML 36Page - Texas Instruments OPA835IDBVT Datasheet HTML 37Page - Texas Instruments OPA835IDBVT Datasheet HTML 38Page - Texas Instruments OPA835IDBVT Datasheet HTML 39Page - Texas Instruments OPA835IDBVT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
0
2k
4k
6k
8k
10k
12k
14
16k
18k
20k
f - Frequency - Hz
R = 100k
L
Gen Mon - 100k
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
V = 5 V,
V
= 1 V
,
G = 1,
R = 0
S
OUT
RMS
F
W
-120
-115
-110
-105
-100
-95
-90
10
100
1k
10k
100k
f - Frequency - Hz
No weighting
R = 300
,
L
W
R = 100 k
L
W
V = 5 V,
V
= 1 V
,
G = 1,
R = 0
,
BW = 80 kHz
S
OUT
RMS
F
W
A-weighting
R = 300
,
L
W
R = 100 k
L
W
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
2k
4k
6k
8k
10k
12k
14
16k
18k
20k
f - Frequency - Hz
R = 300
L
Gen Mon - 300
V = 5 V,
V
= 1 V
,
G = 1,
R = 0
S
OUT
RMS
F
W
OPA835
OPA2835
SLOS713D
– JANUARY 2011 – REVISED OCTOBER 2011
www.ti.com
Figure 76. OPA835 1 Vrms 20 Hz to 80 kHz THD+N
Figure 77. OPA835 and AP Gen Mon 1kHz FFT
Plot; VOUT = 1VRMS, RL = 100kΩ
Figure 78. OPA835 and AP Gen Mon 1kHz FFT Plot;
VOUT = 1VRMS, RL = 300Ω
ADC Driver Performance
The OPA835 provides excellent performance when driving high performance delta-sigma (
ΔΣ) and successive
approximation register (SAR) ADCs in low power audio and industrial applications.
36
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com