Electronic Components Datasheet Search
  English  ▼

X  

TMDS361B Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361B
Description  Three-Port HDMI Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS361B Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMDS361B Datasheet HTML 29Page - Texas Instruments TMDS361B Datasheet HTML 30Page - Texas Instruments TMDS361B Datasheet HTML 31Page - Texas Instruments TMDS361B Datasheet HTML 32Page - Texas Instruments TMDS361B Datasheet HTML 33Page - Texas Instruments TMDS361B Datasheet HTML 34Page - Texas Instruments TMDS361B Datasheet HTML 35Page - Texas Instruments TMDS361B Datasheet HTML 36Page - Texas Instruments TMDS361B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
TMDS361B
www.ti.com
SLLS988A
– SEPTEMBER 2009 – REVISED JULY 2011
A DTV Supporting an Active CEC Link
In Figure 47, the CEC PHY and CEC LOGIC functions are added. The DTV can initiate and/or react to CEC
signals from its remote control or other audio/video products on the same CEC bus. All sources must have their
own CEC physical address to support the full functionality of the CEC link.
A source reads its CEC physical address stored its E-EDID memory after receiving a logic-high from the HPD
feedback. When HPD is high, the sink-assigned CEC physical address should be maintained. Otherwise, when
HPD is low, the source sets the CEC physical address value to (F.F.F.F).
Case 1
– AC-Coupled Source (See Figure 47, Port 1)
When the source TMDS lines are ac-coupled or when the source cannot detect the TMDS termination provided
in the connected sink, the indication of the source selection can only come from the HPD signal. The TMDS361B
HPD1 pin should be applied directly as the HPD signal back to the source.
Case 2
– DC-Coupled Source (See Figure 47, Port 2)
When the source TMDS lines are dc-coupled, there are two methods to inform the source that it is the active
source to the sink. One is checking the HPD signal from the sink, and the other is checking the termination
condition in the sink.
In a full-CEC operation mode, the HPD signal is set high whether the port is selected or not. The source loads
and maintains the CEC physical address when HPD is high. As soon as HPD goes low, the source loses the
CEC physical address. To keep the CEC physical address to the source, the HPD signal loops back from the
source-provided 5-V signal through a 1-k
Ω pullup resistor in the sink. This method is acceptable in applications
where the HDMI transmitter can detect the receiver termination by current sensing and the receiver has
switchable termination on the TMDS inputs. The internal termination resistors are connected to the termination
voltage when the port is selected, or they are disconnected when the port is not selected. The TMDS361B
features switchable termination on the TMDS inputs.
Case 3
– External Logic Control for HPD (See Figure 47, Port 3)
When the HDMI transmitter does not have the capability of detecting the receiver termination, using the HPD
signal as a reference for sensing port selections is the only possible method. External control logic for switching
the connections of the HPD signals between the HPD pins of the TMDS361B and the 5-V signal from the source
provides a good solution.
E-EDID Reading Configurations in Standby Mode
When the TMDS361B is in standby mode operation, S1 = H and S2 = L, all sources can read their E-EDID
memories simultaneously with all HPD pins following HPD_SINK in logic-high. HPD_SINK input low prevents
E-EDID reading in standby-mode operation. See Figure Figure 47.
Copyright
© 2009–2011, Texas Instruments Incorporated
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com