Electronic Components Datasheet Search
  English  ▼

X  

TMDS361B Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361B
Description  Three-Port HDMI Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS361B Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMDS361B Datasheet HTML 35Page - Texas Instruments TMDS361B Datasheet HTML 36Page - Texas Instruments TMDS361B Datasheet HTML 37Page - Texas Instruments TMDS361B Datasheet HTML 38Page - Texas Instruments TMDS361B Datasheet HTML 39Page - Texas Instruments TMDS361B Datasheet HTML 40Page - Texas Instruments TMDS361B Datasheet HTML 41Page - Texas Instruments TMDS361B Datasheet HTML 42Page - Texas Instruments TMDS361B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
TMDS361B
www.ti.com
SLLS988A
– SEPTEMBER 2009 – REVISED JULY 2011
Step 4
7
6
5
4
3
2
1
0
I2C write sink logic address (master)
0
0
0
0
Addr
Addr
Addr
Addr
Where Addr is determined by the values shown in Table 7.
Step 5
8
I2C acknowledge (slave)
A
Step 6
0
I2C stop (master)
P
Step 6 is optional.
TMDS361B Read Phase 2
Step 7
0
I2C start (master)
S
Step 8
7
6
5
4
3
2
1
0
I2C general address (master)
0
1
0
1
1
0
0
1
Step 9
8
I2C acknowledge (slave)
A
Step 10
7
6
5
4
3
2
1
0
I2C read data (slave)
Data
Data
Data
Data
Data
Data
Data
Data
Where Data is determined by the logic values contained in the internal registers.
Step 11A
8
I2C acknowledge (master)
A
If Step 11A is executed, go to step 10. If Step 11B is executed, go to Step 12.
Step 11B
8
I2C not-acknowledge (master)
A
Step 12
0
I2C stop (master)
P
Table 8. I2C Register 0x01 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7:6
Bit 7
Bit 6
Port Select I2C Mode
1
1
X
Port 1 is selected as the active port; HPD on non-selected ports is low. HPD1 can go low, high
or high-Z.
1
0
Port 2 is selected as the active port; HPD on non-selected ports is low. HPD2 can go low, high
or high-Z.
0
0
Port 3 is selected as the active port; HPD on non-selected ports is low. HPD3 can go low, high
or high-Z.
0
1
Standby mode: HPD[1:3] follow HPD_SINK.
5:4
Bit 4
Bit 3
OVS Control
0
0
OVS2: DDC sink-side VOL and VIL offset range 2: VIL2 (max): 0.4 V, VOL2 (max): 0.6 V
0
1
X
OVS3: DDC sink-side VOL and VIL offset range 3: VIL3 (max): 0.3 V, VOL3 (max): 0.5 V
1
1
OVS1: DDC sink-side VOL and VIL offset range 1: VIL1 (max): 0.4 V, VOL1 (max): 0.7 V
Copyright
© 2009–2011, Texas Instruments Incorporated
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com