Electronic Components Datasheet Search
  English  ▼

X  

MCP795W10 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MCP795W10
Description  SPI Real-Time Clock Calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795W10 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MCP795W10 Datasheet HTML 4Page - Micro Analog systems MCP795W10 Datasheet HTML 5Page - Micro Analog systems MCP795W10 Datasheet HTML 6Page - Micro Analog systems MCP795W10 Datasheet HTML 7Page - Micro Analog systems MCP795W10 Datasheet HTML 8Page - Micro Analog systems MCP795W10 Datasheet HTML 9Page - Micro Analog systems MCP795W10 Datasheet HTML 10Page - Micro Analog systems MCP795W10 Datasheet HTML 11Page - Micro Analog systems MCP795W10 Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
MCP795WXX/MCP795BXX
DS22280A-page 8
Preliminary
 2011 Microchip Technology Inc.
3.0
SPI BUS OPERATION
The MCP795XXX is designed to interface directly with
the Serial Peripheral Interface (SPI) port of many of
today’s popular microcontroller families, including
Microchip’s PIC® microcontrollers. It may also interface
with microcontrollers that do not have a built-in SPI port
by using discrete I/O lines programmed properly in soft-
ware to match the SPI protocol.
The MCP795XXX contains an 8-bit instruction register.
The device is accessed via the SI pin, with data being
clocked in on the rising edge of SCK. The CS pin must
be low for the entire operation.
Table 3-1 contains a list of the possible instruction
bytes and format for device operation. All instructions,
addresses, and data are transferred MSb first, LSb last.
Data (SI) is sampled on the first rising edge of SCK
after CS goes low.
TABLE 3-1:
INSTRUCTION SET SUMMARY
3.1
Read Sequence
The device is selected by pulling CS low. The various
8-bit read instructions are transmitted to the
MCP795XXX followed by an 8-bit address. See
Figure 3-1 for more details.
After the correct instruction and address are sent, the
data stored in the memory at the selected address is
shifted out on the SO pin. Data stored in the memory at
the next address can be read sequentially by continu-
ing to provide clock pulses to the slave. The internal
Address Pointer automatically increments to the next
higher address after each byte of data is shifted out.
When the highest address is reached, the address
counter rolls over to the first valid address allowing the
read cycle to be continued indefinitely. The read oper-
ation is terminated by raising the CS pin (Figure 1-1).
FIGURE 3-1:
EEREAD SEQUENCE
Instruction Name
Instruction Format
Description
EEREAD
0000 0011
Read data from EE memory array beginning at selected address
EEWRITE
0000 0010
Write data to EE memory array beginning at selected address
EEWRDI
0000 0100
Reset the write enable latch (disable write operations)
EEWREN
0000 0110
Set the write enable latch (enable write operations)
SRREAD
0000 0101
Read STATUS register
SRWRITE
0000 0001
Write STATUS register
READ
0001 0011
Read RTCC/SRAM array beginning at selected address
WRITE
0001 0010
Write RTCC/SRAM data to memory array beginning at selected
address
UNLOCK
0001 0100
Unlock ID Locations
IDWRITE
0011 0010
Write to the ID Locations
IDREAD
0011 0011
Read the ID Locations
CLRWDT
0100 0100
Clear Watchdog TImer
CLRRAM
0101 0100
Clear RAM Location to ‘0’
SO
SI
SCK
CS
0
23456
789 10 11
1
01
0
0
0
0
01
A7 A6 A5 A4
A1 A0
76543210
Data Out
High-Impedance
A3 A2
Address Byte
12 13 14 15 16 17 18 19 20 21 22 23
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com