Electronic Components Datasheet Search
  English  ▼

X  

MCP795W10 Datasheet(PDF) 13 Page - Micro Analog systems

Part # MCP795W10
Description  SPI Real-Time Clock Calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795W10 Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MCP795W10 Datasheet HTML 9Page - Micro Analog systems MCP795W10 Datasheet HTML 10Page - Micro Analog systems MCP795W10 Datasheet HTML 11Page - Micro Analog systems MCP795W10 Datasheet HTML 12Page - Micro Analog systems MCP795W10 Datasheet HTML 13Page - Micro Analog systems MCP795W10 Datasheet HTML 14Page - Micro Analog systems MCP795W10 Datasheet HTML 15Page - Micro Analog systems MCP795W10 Datasheet HTML 16Page - Micro Analog systems MCP795W10 Datasheet HTML 17Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS22280A-page 13
MCP795WXX/MCP795BXX
REGISTER 5-4:
HOUR 0X03
REGISTER 5-5:
DAY 0X04
RW
RW
RW
RW
RW
CALSGN
12/24
10 Hour
AM/PM
10 Hour
Hour
bit 7
bit 6
bit 5
bit 4
bit 3
bit 0
Legend: R = Readable Bit W = Writable Bit U = Unimplemented bit, Read as ‘0’
bit 7
CALSGN
Bit 7 is the sign bit (CALSGN) for the calibration. Clearing this bit produces a positive calibration, setting
this bit produces a negative calibration.
bit 6
12/24
Clearing this bit to ‘0’ enables 24-hour format, setting this bit ‘1’ enables 12-hour format.
bit 5
10 Hour (AM/PM bit for 12-hour time)
bit 4
10 Hour
bit 3-0
Hour
Note:
Contains the BCD hour in bits <3:0>. Bits <5:4> contain either the 10-hour in BCD for 24-hour format or
the AM/PM indicator and the 10-hour bit for 12-hour format. Bit 5 determines the hour format.
UU
R
RW
RW
RW
OSCON
VBAT
VBATEN
Day
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 0
Legend: R = Readable Bit W = Writable Bit U = Unimplemented bit, Read as ‘0’
bit 7-6
Unimplemented bit, read as ‘0’
bit 5
Bit 5 is the OSCON bit. This is set and cleared by hardware. If this bit is set the oscillator is running, if
clear, the oscillator is not running. This bit does not indicate that the oscillator is running at the correct fre-
quency. The bit will wait 32 oscillator cycles before the bit is set.
bit 4
Bit 4 is the VBAT bit. This bit is set by hardware when the VCC fails and the VBAT is used to power the
oscillator and the RTCC registers. This bit is cleared by software.
bit 3
Bit 3 is the VBATEN bit. If this bit is set the internal circuitry is connected to the VBAT pin. If this bit is ‘0’
then the VBAT pin is disconnected and the only current drain on the external battery is the VBAT pin
leakage.
bit 2-0
Day
Note:
Contains the BCD day. The range is 1-7. Also, additional bits are used for configuration and Status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com