Electronic Components Datasheet Search
  English  ▼

X  

MCP7951X Datasheet(PDF) 4 Page - Micro Analog systems

Part # MCP7951X
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP7951X Datasheet(HTML) 4 Page - Micro Analog systems

  MCP7951X Datasheet HTML 1Page - Micro Analog systems MCP7951X Datasheet HTML 2Page - Micro Analog systems MCP7951X Datasheet HTML 3Page - Micro Analog systems MCP7951X Datasheet HTML 4Page - Micro Analog systems MCP7951X Datasheet HTML 5Page - Micro Analog systems MCP7951X Datasheet HTML 6Page - Micro Analog systems MCP7951X Datasheet HTML 7Page - Micro Analog systems MCP7951X Datasheet HTML 8Page - Micro Analog systems MCP7951X Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 4
Preliminary
 2012 Microchip Technology Inc.
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
TAMB = -40°C to +85°C VCC = 1.8V to 3.6V
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
1FCLK
Clock Frequency
—
—
5
3
MHz
MHz
2.5V
Vcc  3.6V
1.8V
Vcc  2.5V
2TCSS
CS Setup Time
100
150
—
—
ns
ns
2.5V
Vcc  3.6V
1.8V
Vcc  2.5V
3TCSH
CS Hold Time
100
150
—
—
ns
ns
2.5V
Vcc  3.6V
1.8V
Vcc  2.5V
4TCSD
CS Disable Time
50
—
ns
—
5
Tsu
Data Setup Time
20
30
—
—
ns
ns
2.5V
Vcc  3.6V
1.8V
Vcc  2.5V
6THD
Data Hold Time
40
50
—
—
ns
ns
2.5V
Vcc  3.6V
1.8V
Vcc  2.5V
7TR
CLK Rise Time
—
100
ns
(Note 1)
8TF
CLK Fall Time
—
100
ns
(Note 1)
9THI
Clock High Time
100
150
—
—
ns
ns
2.5V
Vcc  3.6V
1.8V
Vcc  2.5V
10
TLO
Clock Low Time
100
150
—
—
ns
ns
2.5V
Vcc  3.6V
1.8V
Vcc  2.5V
11
TCLD
Clock Delay Time
50
—
ns
—
12
TCLE
Clock Enable Time
50
—
ns
—
13
TV
Output Valid from Clock
Low
—
—
100
160
ns
ns
2.5V
Vcc  3.6V
1.8V
Vcc  2.5V
14
THO
Output Hold Time
0
—
ns
(Note 1)
15
TDIS
Output Disable Time
—
—
80
160
ns
ns
2.5V
Vcc  3.6V (Note 1)
1.8V
Vcc  2.5V (Note 1)
16
TWC
Internal Write Cycle Time
—
5
ms
(Note 3)
17
—
Endurance
1,000,000
—
E/W
Cycles
(Note 2)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site:
www.microchip.com.
3: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle
is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com