Electronic Components Datasheet Search
  English  ▼

X  

MCP7951X Datasheet(PDF) 5 Page - Micro Analog systems

Part # MCP7951X
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP7951X Datasheet(HTML) 5 Page - Micro Analog systems

  MCP7951X Datasheet HTML 1Page - Micro Analog systems MCP7951X Datasheet HTML 2Page - Micro Analog systems MCP7951X Datasheet HTML 3Page - Micro Analog systems MCP7951X Datasheet HTML 4Page - Micro Analog systems MCP7951X Datasheet HTML 5Page - Micro Analog systems MCP7951X Datasheet HTML 6Page - Micro Analog systems MCP7951X Datasheet HTML 7Page - Micro Analog systems MCP7951X Datasheet HTML 8Page - Micro Analog systems MCP7951X Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS22300A-page 5
MCP7952X/MCP7951X
FIGURE 1-1:
SERIAL INPUT TIMING
FIGURE 1-2:
SERIAL OUTPUT TIMING
CS
SCK
SI
SO
6
5
8
7
11
3
LSB In
MSB In
High-Impedance
12
4
2
10
9
CS
SCK
SO
10
9
13
MSB Out
LSB Out
3
15
Don’t Care
SI
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com