Electronic Components Datasheet Search
  English  ▼

X  

TMS320TCI100QGLZ Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320TCI100QGLZ
Description  FIXED-POINT DIGTAL SIGNAL PROCESSOR
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320TCI100QGLZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320TCI100QGLZ Datasheet HTML 35Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 36Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 37Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 38Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 39Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 40Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 41Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 42Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 137 page
background image
TMS320TCI100Q
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS251E − JUNE 2004 − REVISED JUNE 2006
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
Table 27. Device Configuration Pins (BEA[20:13, 9:7], HD5, and BEA11) (Continued)
CONFIGURATION
PIN
NO.
FUNCTIONAL DESCRIPTION
BEA7
BEA8
BEA9
D15
A16
B16
Do not oppose IPD
Pullup (For proper device operation, this pin must be externally pulled up with a 1-k
Ω resistor.)
Pullup (For proper device operation, this pin must be externally pulled up with a 1-k
Ω resistor.)
HD5
Y1
HPI peripheral bus width (HPI_WIDTH)
0
− HPI operates as an HPI16.
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining HD[31:16] pins are
reserved pins in the Hi-Z state.)
1
− HPI operates as an HPI32.
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
multiplexed pins
Multiplexed pins are pins that are shared by more than one peripheral and are internally multiplexed. Some of
these pins are configured by software, and the others are configured by external pullup/pulldown resistors only
at reset. Those muxed pins that are configured by software can be programmed to switch functionalities at any
time. Those muxed pins that are configured by external pullup/pulldown resistors are mutually exclusive; only
one peripheral has primary control of the function of these pins after reset. Table 28 identifies the multiplexed
pins on the TCI100Q device; shows the default (primary) function and the default settings after reset; and
describes the pins, registers, etc. necessary to configure specific multiplexed functions.
debugging considerations
It is recommended that external connections be provided to device configuration pins, including
CLKMODE[1:0], BEA[20:13, 11, 9:7], HD5/AD5, PCI_EN, and MCBSP2_EN. Although internal pullup/pulldown
resistors exist on these pins (except for HD5/AD5), providing external connectivity adds convenience to the user
in debugging and flexibility in switching operating modes.
Internal pullup/pulldown resistors also exist on the non-configuration pins on the BEA bus (BEA[12, 10, 6:1]).
Do not oppose the internal pullup/pulldown resistors on these non-configuration pins with external
pullup/pulldown resistors. If an external controller provides signals to these non-configuration pins, these
signals must be driven to the default state of the pins at reset, or not be driven at all.
For the internal pullup/pulldown resistors on the TCI100Q device pins, see the terminal functions table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com