Electronic Components Datasheet Search
  English  ▼

X  

TMS320TCI100QGLZ Datasheet(PDF) 51 Page - Texas Instruments

Part # TMS320TCI100QGLZ
Description  FIXED-POINT DIGTAL SIGNAL PROCESSOR
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320TCI100QGLZ Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320TCI100QGLZ Datasheet HTML 47Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 48Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 49Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 50Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 51Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 52Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 53Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 54Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 137 page
background image
TMS320TCI100Q
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS251E − JUNE 2004 − REVISED JUNE 2006
51
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
MULTICHANNEL BUFFERED SERIAL PORT 1 (McBSP1)
CLKS1/
URADDR3§
AC8
I
McBSP1 external clock source (as opposed to internal) (I) [default] or UTOPIA receive
address 3 pin (I)
CLKR1/
URADDR2§
AC10
I/O/Z
McBSP1 receive clock (I/O/Z) [default] or UTOPIA receive address 2 pin (I)
CLKX1/
URADDR4§
AB12
I/O/Z
McBSP1 transmit clock (I/O/Z) [default] or UTOPIA receive address 4 pin (I)
DR1/
UXADDR1§
AF11
I
McBSP1 receive data (I) [default] or UTOPIA transmit address 1 pin (I)
DX1/
UXADDR4§
AB11
I/O/Z
McBSP1 transmit data (O/Z) [default] or UTOPIA transmit address 4 pin (I)
FSR1/
UXADDR2§
AC9
I/O/Z
McBSP1 receive frame sync (I/O/Z) [default] or UTOPIA transmit address 2 pin (I)
FSX1/
UXADDR3§
AB13
I/O/Z
McBSP1 transmit frame sync (I/O/Z) [default] or UTOPIA transmit address 3 pin (I)
MULTICHANNEL BUFFERED SERIAL PORT 0 (McBSP0)
CLKS0
F4
I
IPD
McBSP0 external clock source (as opposed to internal)
CLKR0
D1
I/O/Z
IPD
McBSP0 receive clock
CLKX0
E1
I/O/Z
IPD
McBSP0 transmit clock
DR0
D2
I
IPU
McBSP0 receive data
DX0
E2
O/Z
IPU
McBSP0 transmit data
FSR0
C1
I/O/Z
IPD
McBSP0 receive frame sync
FSX0
E3
I/O/Z
IPD
McBSP0 transmit frame sync
TIMER 2
TOUT2
A4
O/Z
IPD
Timer 2 or general-purpose output
TINP2
C5
I
IPD
Timer 2 or general-purpose input
TIMER 1
TOUT1
B5
O/Z
IPD
Timer 1 or general-purpose output
TINP1
A5
I
IPD
Timer 1 or general-purpose input
TIMER 0
TOUT0
D6
O/Z
IPD
Timer 0 or general-purpose output
TINP0
C6
I
IPD
Timer 0 or general-purpose input
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com