Electronic Components Datasheet Search
  English  ▼

X  

SNC725 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC725
Description  16-bit Voice Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC725 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC725 Datasheet HTML 1Page - SONiX Technology Company SNC725 Datasheet HTML 2Page - SONiX Technology Company SNC725 Datasheet HTML 3Page - SONiX Technology Company SNC725 Datasheet HTML 4Page - SONiX Technology Company SNC725 Datasheet HTML 5Page - SONiX Technology Company SNC725 Datasheet HTML 6Page - SONiX Technology Company SNC725 Datasheet HTML 7Page - SONiX Technology Company SNC725 Datasheet HTML 8Page - SONiX Technology Company SNC725 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SNC725
16-bit Voice Processor
Ver:1.2
October 23, 2002
5
7. I/O PORT
SNC725 provides one a 16-bit I/O port and an 8-bit input port for user application
(P0.0~P0.15, P1.0~P1.7). The input pull high resistor of each pin can be programmed by
Port Pull-High register. The direction of I/O port is selected by Port Direction register. The
Port0 (P0.0~P0.15) and Port1 (P1.0~P1.7) can wake the chip up from the stop mode and
watch mode. P0.15 can be modulated with a 38.5Khz carry signal to realize IR signal
transmission.
I/O Configuration of P0.0~P0.15
Input Port Configuration of Port 1 (P1.0~P1.7)
Pull-Up
Resister
Latch
PAD
to internal bus
Pull-Up
Select
In/Out
Control
In/Out
Control
Digital In
Pull-Up
Resister
PAD
Pull-Up
Select
Input Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com