Electronic Components Datasheet Search
  English  ▼

X  

SNC725 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNC725
Description  16-bit Voice Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC725 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNC725 Datasheet HTML 3Page - SONiX Technology Company SNC725 Datasheet HTML 4Page - SONiX Technology Company SNC725 Datasheet HTML 5Page - SONiX Technology Company SNC725 Datasheet HTML 6Page - SONiX Technology Company SNC725 Datasheet HTML 7Page - SONiX Technology Company SNC725 Datasheet HTML 8Page - SONiX Technology Company SNC725 Datasheet HTML 9Page - SONiX Technology Company SNC725 Datasheet HTML 10Page - SONiX Technology Company SNC725 Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SNC725
16-bit Voice Processor
Ver:1.2
October 23, 2002
7
Input data
Typical value of output current (mA)
0
0
1
3/1024
…
N
n*(3/1024)
…
1024
3
PWM: A PWM (pulse width modulation) circuit is built-in SNC725. PWM can convert
input digital data into pulse trains with suitable different pulse width. The maximum
resolution of PWM is 10 bits. Two huge output stage circuits are included in SNC725.
Both of them are capable of driving speaker directly. The recommended application
circuit is as follows.
DAC output
PWM output
SPEAKER
BP0
BN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com