Electronic Components Datasheet Search
  English  ▼

X  

SNC745 Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SNC745
Description  16-bit Voice Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC745 Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SNC745 Datasheet HTML 5Page - SONiX Technology Company SNC745 Datasheet HTML 6Page - SONiX Technology Company SNC745 Datasheet HTML 7Page - SONiX Technology Company SNC745 Datasheet HTML 8Page - SONiX Technology Company SNC745 Datasheet HTML 9Page - SONiX Technology Company SNC745 Datasheet HTML 10Page - SONiX Technology Company SNC745 Datasheet HTML 11Page - SONiX Technology Company SNC745 Datasheet HTML 12Page - SONiX Technology Company SNC745 Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SNC745
16-bit Voice Processor
Ver. 1.3
October 23, 2002
9
The relationship between ROSC and voltage (Typical)
Ta = 25
°C
Frequency unit: MHz
The relationship between Frequency and Resister (R2) for ROSC (Typical)
Ta = 25
°C, R1 = 75KΩ
Frequency unit: MHz
15.2
15.4
15.6
15.8
16
16.2
16.4
16.6
16.8
17
17.2
17.4
Voltage
10
11
12
13
14
15
16
17
18
74K
82K
91K
100K
110K
120K
130K
Resister Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com