| Electronic Components Datasheet Search |
|
SNC745 Datasheet(PDF) 5 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC745 Datasheet(HTML) 5 Page - SONiX Technology Company |
|
5 / 15 page ![]() SNC745 16-bit Voice Processor Ver. 1.3 October 23, 2002 5 7. I/O PORT SNC745 provides one a 16-bit I/O port and an 8-bit input port for user application (P0.0~P0.15, P1.0~P1.7). The input pull high resistor of each pin can be programmed by Port Pull-High register. The direction of I/O port is selected by Port Direction register. The Port0 (P0.0~P0.15) and Port1 (P1.0~P1.7) can wake the chip up from the stop mode and watch mode. P0.15 can be modulated with a 38.5Khz carry signal to realize IR signal transmission. I/O Configuration of P0.0~P0.15 Input Port Configuration of Port 1 (P1.0~P1.7) Pull-Up Resister Latch PAD to internal bus Pull-Up Select In/Out Control In/Out Control Digital In Pull-Up Resister PAD Pull-Up Select Input Control |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |