Electronic Components Datasheet Search
  English  ▼

X  

SNR008 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNR008
Description  8M-bit Mask ROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR008 Datasheet(HTML) 6 Page - SONiX Technology Company

  SNR008 Datasheet HTML 1Page - SONiX Technology Company SNR008 Datasheet HTML 2Page - SONiX Technology Company SNR008 Datasheet HTML 3Page - SONiX Technology Company SNR008 Datasheet HTML 4Page - SONiX Technology Company SNR008 Datasheet HTML 5Page - SONiX Technology Company SNR008 Datasheet HTML 6Page - SONiX Technology Company SNR008 Datasheet HTML 7Page - SONiX Technology Company SNR008 Datasheet HTML 8Page - SONiX Technology Company SNR008 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SNR008
8M-bit Mask ROM
7. Application circuit
7.1 AD Bus Interface (with SNC710)
330
330
330
330
330
U1
SNR008
AD0
1
AD1
2
AD2
3
AD3
4
GND
5
AD4
6
AD5
7
AD6
8
AD7
9
VDD
10
CEB
11
READY
12
ALECLK
13
GND
14
BS0
15
BS1
16
BS2
17
BS3
18
BS4
19
TESTM
20
U2
SNR008
AD0
1
AD1
2
AD2
3
AD3
4
GND
5
AD4
6
AD5
7
AD6
8
AD7
9
VDD
10
CEB
11
READY
12
ALECLK
13
GND
14
BS0
15
BS1
16
BS2
17
BS3
18
BS4
19
TESTM
20
CONN 18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
ROM#2
0x280000-0x2FFFFF
ROM#1
0x200000-0x27FFFF
VDD3V
0.1uF
220K
TR3
TR4
SPEAKER
TR6
TR5
TR1
TR2
TR8
TR7
47uF
VDD3V
U1
SNC710
VDD
9
VDD
45
VDD
58
CVDD
12
RST
51
BP0
44
BN0
46
VO
24
XIN
26
XOUT
27
LXIN
22
LXOUT
21
TEST
49
CKSEL
48
P0.0
50
P0.1
54
P0.2
55
P0.3
56
P0.4
57
P0.5
60
P0.6
61
P0.7
62
P0.8
1
P0.9
2
P0.10
3
P0.11
4
P0.12
5
P0.13
6
P0.14
7
P0.15
8
P1.0
10
P1.1
11
P1.2
14
P1.3
15
P1.4
16
P1.5
17
P1.6
18
P1.7
19
GND
25
VDD
23
CVDD
53
AD0
42
AD1
41
AD2
40
AD3
39
AD4
37
AD5
36
AD6
35
CEB
32
CEIN
31
READY
30
ALECLK
29
CLKIN
28
AD7
34
CVDD
33
EXTM
20
CONN 18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VDD3V
VDD3V
3V
VDD3V
330
330
330
AD2
AD1
GND
AD0
AD5
AD3
AD4
CE_
AD7
AD6
ALECLK
VDD3V
GND
GND
READY
GND
VDD3V
GND
AD2
AD1
AD0
AD3
AD4
GND
AD7
AD6
AD5
READY
CE_
VDD3V
VDD3V
ALECLK
GND
VDD3V
GND
GND
GND
GND
Ver. 1.3
August 29, 2003
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com