Electronic Components Datasheet Search
  English  ▼

X  

SNR008 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNR008
Description  8M-bit Mask ROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR008 Datasheet(HTML) 7 Page - SONiX Technology Company

  SNR008 Datasheet HTML 1Page - SONiX Technology Company SNR008 Datasheet HTML 2Page - SONiX Technology Company SNR008 Datasheet HTML 3Page - SONiX Technology Company SNR008 Datasheet HTML 4Page - SONiX Technology Company SNR008 Datasheet HTML 5Page - SONiX Technology Company SNR008 Datasheet HTML 6Page - SONiX Technology Company SNR008 Datasheet HTML 7Page - SONiX Technology Company SNR008 Datasheet HTML 8Page - SONiX Technology Company SNR008 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SNR008
8M-bit Mask ROM
7.2 Standard ROM interface (with SNL310)
VDD
VDD
1.5V
1.5V
VDD
C6
47uF
C7
0.1uF
VDD
U2
SNR008
TYPE
21
OEB
22
VDD
23
A8
24
A9
25
A10
26
A11
27
A12
28
A13
29
A14
30
A15
31
A16
32
A17
33
A19
35
AD0/D0
1
AD1/D1
2
AD2/D2
3
AD3/D3
4
AD4/D4
6
AD5/D5
7
AD6/D6
8
AD7/D7
9
VDD
10
CEB
11
READYB/A0
12
ALECLK/A1
13
BS0/A2
15
BS1A3
16
BS2/A4
17
BS3/A5
18
BS4/A6
19
TESTM/A7
20
A18
34
SPEAKER
VDD
VDD
R1
220K
C1
0.1uF
VDD
U1
SNL310
VDD
3
VDD
19
VDD
37
VDD
48
CVDD
85
CVDD
26
GND
5
GND
17
GND
28
GND
41
GND
46
RST
83
BP0
47
BN0
49
VO
4
XIN
6
XOUT
7
LXIN
2
LXOUT
1
TESTM
53
CKSEL
52
P2.0
90
P2.1
89
P2.2
88
P2.3
87
P2.4
86
P2.5
82
P2.6
81
P2.7
80
P2.8
78
P2.9
77
P2.10
76
P2.11
75
P2.12
74
P2.13
73
P2.14
72
P2.15
71
GND
50
GND
84
P3.0
70
P3.1
69
P3.2
68
P3.3
67
P3.4
66
P3.5
65
P3.6
64
P3.7
63
P3.8
61
P3.9
59
P3.10
58
P3.11
57
P3.12
56
P3.13
55
P3.14
54
P3.15
51
P5.0
25
P5.1
24
P5.2
23
P5.3
22
P5.4
21
P5.5
20
P5.6
18
P5.7
16
P5.8
15
P5.9
14
P5.10
13
P5.11
12
P5.12
11
P5.13
10
P5.14
9
P5.15
8
VDD
60
VDD
79
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
CEB
CEB
RDB
D7
P2_0
P2_1
P2_2
P2_3
P2_4
P2_5
P2_6
P2_7
P2_9
P2_8
P2_10
P2_11
P2_12
P2_13
P2_15
P2_14
RST
D0
A16
D1
A17
A19
A18
A21
A20
RDB
D1
D0
D2
D3
D4
D2
D3
D4
D5
D6
D6
D5
D7
A0
A1
Ver. 1.3
August 29, 2003
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com