Electronic Components Datasheet Search
  English  ▼

X  

TPS65191 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65191
Description  Triple High-Voltage Scan Driver for TFT-LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65191 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65191 Datasheet HTML 1Page - Texas Instruments TPS65191 Datasheet HTML 2Page - Texas Instruments TPS65191 Datasheet HTML 3Page - Texas Instruments TPS65191 Datasheet HTML 4Page - Texas Instruments TPS65191 Datasheet HTML 5Page - Texas Instruments TPS65191 Datasheet HTML 6Page - Texas Instruments TPS65191 Datasheet HTML 7Page - Texas Instruments TPS65191 Datasheet HTML 8Page - Texas Instruments TPS65191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS65191
SLVS963A – JULY 2009 – REVISED AUGUST 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
ORDERING P/N
PACKAGE
PACKAGE MARKING
–40°C to 85°C
TPS65191RHBR
32-pin 5-mm × 5-mm
TPS65191
QFN
(1)
The RHB package has quantities of 2500 devices per reel.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Voltage on pins CPVx, STV
–0.3 to 5.5
V
Voltage on pins EN
–0.3 to 5.5
V
Input voltage on VON(2)
40
V
Input voltage on VOFF(2)
–30
V
Voltage on CKVx, CKVBx, CKVCSx, CKVBCSx
–30 to 40
V
VON–VOFF
62
V
Voltage on STVP
–30 to 40
V
Voltage on DISH
–3.6 to 5.5
V
ESD rating, HBM
2
kV
ESD rating, MM
200
V
ESD rating, CDM
700
V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
–40 to 150
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
RqJA
POWER RATING
POWER RATING
POWER RATING
32-pin 5-mm × 5-mm QFN
75°C/W (Low-K board)
1.33 W
0.73 W
0.53 W
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VON
Positive high-voltage range
15
35
V
VOFF
Negative low-voltage range
–28
–3
V
VON–VOFF
VON to VOFF voltage range
60
V
fCPV
CPV input frequency
150
kHz
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com