Electronic Components Datasheet Search
  English  ▼

X  

TPS65191 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS65191
Description  Triple High-Voltage Scan Driver for TFT-LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65191 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65191 Datasheet HTML 9Page - Texas Instruments TPS65191 Datasheet HTML 10Page - Texas Instruments TPS65191 Datasheet HTML 11Page - Texas Instruments TPS65191 Datasheet HTML 12Page - Texas Instruments TPS65191 Datasheet HTML 13Page - Texas Instruments TPS65191 Datasheet HTML 14Page - Texas Instruments TPS65191 Datasheet HTML 15Page - Texas Instruments TPS65191 Datasheet HTML 16Page - Texas Instruments TPS65191 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
VON
UVLO
CPVx
CLK
D
Q
Q
Gate
Driver
VON
VOFF
VOFF
DLY
CKVx
CKVBCSx
CKVCSx
CKVBx
R
CS
R
BCS
R
ASG
C
ASG
LCD Panel
R
ASG
C
ASG
B0367-01
DLY
DLY
Delay time
Delay time
C
R
200 k
=
=
W
DLY
10 ms
C
50 nF
47 nF
200 k
=
=
»
W
TPS65191
www.ti.com
SLVS963A – JULY 2009 – REVISED AUGUST 2010
Figure 18. Single-Scan Driver Block Diagram
START-UP SEQUENCE (EN, DLY)
The TPS65191 has an adjustable start-up sequencing that is set by EN and DLY. When VON is below the UVLO
threshold, all outputs are at high impedance. When EN is pulled LOW after UVLO threshold is reached, all
outputs follow VOFF. Pulling EN high enables the device after a delay time set by the capacitor connected to
DLY, and the delay time starts when EN = HIGH. If EN is pulled high before the UVLO threshold is reached, the
delay starts when VON reaches the UVLO threshold. Pulling EN low disables the device, and outputs CKVx,
CKVBx, and STVP follow VOFF as long as VON is higher than the UVLO threshold. For the typical start-up
sequence, see Figure 19 and Figure 20.
SETTING THE DELAY TIME (DLY)
Connecting an external capacitor to the DLY pin sets the delay time. If no delay time is required, the DLY pin can
be left floating. The external capacitor is charged with a constant-current source of typically 15 mA. The delay
time is terminated when the capacitor voltage reaches the internal reference voltage of 2.9 V, and the final DLY
voltage on an external capacitor is maximum 8 V. The voltage rating of the external capacitor must be higher
than 8 V.
The external delay capacitor is calculated using the following formula:
(1)
Example for setting a delay time of 10 ms:
(2)
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS65191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com