Electronic Components Datasheet Search
  English  ▼

X  

VSP01M01 Datasheet(PDF) 21 Page - Texas Instruments

Part # VSP01M01
Description  CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP01M01 Datasheet(HTML) 21 Page - Texas Instruments

Back Button VSP01M01 Datasheet HTML 17Page - Texas Instruments VSP01M01 Datasheet HTML 18Page - Texas Instruments VSP01M01 Datasheet HTML 19Page - Texas Instruments VSP01M01 Datasheet HTML 20Page - Texas Instruments VSP01M01 Datasheet HTML 21Page - Texas Instruments VSP01M01 Datasheet HTML 22Page - Texas Instruments VSP01M01 Datasheet HTML 23Page - Texas Instruments VSP01M01 Datasheet HTML 24Page - Texas Instruments VSP01M01 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Mode Confusion
10-Bit
Address
(6-BitRegisterArea)
A0
A9
D0
22-BitData
CS
SDATA
10-Bit
Address
(AddA)
A0
A9
D0
D5
D0
D5
D0
D5
D21
D0
D3
6-Bit Data
(Storeto
AddA)
6-Bit Data
(Storeto
AddA+1)
6-Bit Data
(Storeto
AddA+2)
Ignored
SPIRecognition
Read and Write Batting
REGISTER UPDATE
VSP01M01
VSP01M02
www.ti.com .................................................................................................................................................................................................. SBES016 – MARCH 2009
If 22 bits of data are sent to a 6-bit register area, the SPI recognizes continuous write mode, because usually
only 6-bit data should be sent to 6-bit register area in standard write mode, as shown in Figure 15. The
end-of-data point is recognized by the rising edge of CS.
Figure 15. Mode Confusion
SPI recognition is shown in Table 9.
Table 9. SPI Recognition
DATA WIDTH
ADDRESS AREA
6-BIT
16-BIT
22-BIT
32-BIT
6-bit register
Standard(1) (one word)
Continuous(2) (two words)
Continuous (three words)
Continuous (five words)
16-bit memory
Ignored
Standard (one word)
Standard(3) (one word)
Continuous (two words)
22-bit memory
Ignored
Ignored
Standard (one word)
Standard (one word)
(1)
Shaded cells indicate standard operation.
(2)
Continuous = continuous write mode.
(3)
Standard = standard write mode.
Address 100h-3FFh is the memory area. HA, VA, and HS access this memory area to read programs. If the SPI
writes to the memory area during a program read, the programmed operation is cancelled. SPI operation should
be done with TG disable. If SPI operation must be done with TG enable (TG operating), the SPI must write for a
no-read term (no toggling term). For the register area (000h-0FFh), this precaution is not necessary.
The update timing of each register is specified in Table 10.
Table 10. Updated Timing
REGISTER ADDRESS
UPDATE TIMING
000h
Real time
001h-01Fh
Timing specified at bits 0-2 of 000h (AFE update)
020h-035h
Real time
036h[2:0]
VD; refer to the CCD Timing Composition section of the TG (Timing Generator) Section for details.
036h[5:3]
TRIG; refer to the CCD Timing Composition section of the TG (Timing Generator) Section for details.
037h-0FFh
Timing specified at bit 3 of 000h (TG update)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): VSP01M01 VSP01M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com