Electronic Components Datasheet Search
  English  ▼

X  

VSP01M01 Datasheet(PDF) 13 Page - Texas Instruments

Part # VSP01M01
Description  CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP01M01 Datasheet(HTML) 13 Page - Texas Instruments

Back Button VSP01M01 Datasheet HTML 9Page - Texas Instruments VSP01M01 Datasheet HTML 10Page - Texas Instruments VSP01M01 Datasheet HTML 11Page - Texas Instruments VSP01M01 Datasheet HTML 12Page - Texas Instruments VSP01M01 Datasheet HTML 13Page - Texas Instruments VSP01M01 Datasheet HTML 14Page - Texas Instruments VSP01M01 Datasheet HTML 15Page - Texas Instruments VSP01M01 Datasheet HTML 16Page - Texas Instruments VSP01M01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
SLAVE MODE: VD, HD SPECIFICATIONS
VD, HD Detect
VD
MCK
VDAfterHD
HD
HDAfterVD
HD
t
ODDHD-VD
t
ODDVD-HD
t
HD
t
VD
VD
MCK
VDAfterHD
HD
HDAfterVD
HD
t
ODDHD-VD
t
ODDVD-HD
VSP01M01
VSP01M02
www.ti.com .................................................................................................................................................................................................. SBES016 – MARCH 2009
The odd field of the two-field CCD operation and the first field of the even field operation is detected by the VD
and HD phase. The delay limit of the VD and HD phase is specified in Figure 2 and Figure 3.
Figure 2. VD, HD Falling Edge Detect
Figure 3. VD, HD Rising Edge Detect
Table 3. Timing Characteristics for Figure 2 and Figure 3(1)
PARAMETER
MIN
TYP
MAX
UNIT
tVD
VD trail-to-trail
10
τ (MCK cycles)
tHD
HD trail-to-trail
10
τ (MCK cycles)
VD trail delay limit for ODD detect
tODD HD-VD
0
1
6
τ (MCK cycles)
(register setting 02Fh[2:0])
HD trail delay limit for ODD detect
tODD HD-VD
0
1
6
τ (MCK cycles)
(register setting 02Fh[5:3])
(1)
The VD, HD edge is detected by the rising edge of MCK.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): VSP01M01 VSP01M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com