Electronic Components Datasheet Search
  English  ▼

X  

5012 Datasheet(PDF) 2 Page - Texas Instruments

Part # 5012
Description  2-A to 6-A Integrated Power Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5012 Datasheet(HTML) 2 Page - Texas Instruments

  5012 Datasheet HTML 1Page - Texas Instruments 5012 Datasheet HTML 2Page - Texas Instruments 5012 Datasheet HTML 3Page - Texas Instruments 5012 Datasheet HTML 4Page - Texas Instruments 5012 Datasheet HTML 5Page - Texas Instruments 5012 Datasheet HTML 6Page - Texas Instruments 5012 Datasheet HTML 7Page - Texas Instruments 5012 Datasheet HTML 8Page - Texas Instruments 5012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
User
's Guide
SLUU633A
– September 2011 – Revised February 2012
TPS84410EVM-001/TPS84210EVM-002/TPS84610EVM-003,
2-A to 6-A Integrated Power Solution
1
Introduction
The TPS84410EVM-001, TPS84210EVM-002, TPS84610EVM-003 Evaluation Module
(TPS84x10EVM-00x) is designed as an easy to use platform that facilitates an extensive evaluation of the
features and performance of the Integrated Power Solution (IPS) devices. The EVM PCB may be
configured with one of three IPS devices (see Table 1).
Table 1. TPS84x10EVM-00x Device Configuration
DEVICE
TITLE
TPS84210
6-V input, 2-A output sync. step-down converter with PWM
TPS84410
6-V input, 4-A output sync. step-down converter with PWM
TPS84610
6-V input, 6-A output sync. step-down converter with PWM
This user guide provides information on the correct usage of the EVM and an explanation of the numerous
test points on the board.
2
Description
The EVM features a TPS84x10 synchronous buck IPS device configured for operation with typical 3.3-V
and 5-V input bus applications. The output voltage can be set to one of five popular values by using a
simple configuration jumper. In similar fashion, the switching frequency can be set to one of four values by
use of a jumper. The full 4-A rated output current can be supplied by the EVM. A minimal amount of input
and output capacitance is used on the board. Component pads are provided for additional input and
output capacitors if desired. Monitoring test points are provided to allow measurement of efficiency, power
dissipation, input ripple, output ripple, line and load regulation, and transient response. Control test points
are provided for use of the PWRGD, Inhibit/UVLO, synchronization, and slow-start/tracking features of the
IPS device. The EVM uses a recommended PCB layout that maximizes thermal performance and
minimizes output ripple and noise.
2
TPS84410EVM-001/TPS84210EVM-002/TPS84610EVM-003, 2-A to 6-A
SLUU633A
– September 2011 – Revised February 2012
Integrated Power Solution
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com