Electronic Components Datasheet Search
  English  ▼

X  

5012 Datasheet(PDF) 11 Page - Texas Instruments

Part # 5012
Description  2-A to 6-A Integrated Power Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5012 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5012 Datasheet HTML 5Page - Texas Instruments 5012 Datasheet HTML 6Page - Texas Instruments 5012 Datasheet HTML 7Page - Texas Instruments 5012 Datasheet HTML 8Page - Texas Instruments 5012 Datasheet HTML 9Page - Texas Instruments 5012 Datasheet HTML 10Page - Texas Instruments 5012 Datasheet HTML 11Page - Texas Instruments 5012 Datasheet HTML 12Page - Texas Instruments 5012 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.ti.com
List of Material
Table 4. TPS84x10EVM-00x List of Material
(1) (2) (3) (4) (5)
(continued)
-003
-002
-001
REF DES
DESCRIPTION
Part Number
MFR
2
2
2
TB1-2
Terminal block, 2 pin, 15 A, 5.1 mm, 0.40 inch x
ED120/2DS
OST
0.35 inch
8
8
8
TP1, TP2 TP8
Test point, white, thru hole, 5012, 0.125 inch x
5012
Keystone
TP10- TP14
0.125 inch
6
6
6
TP3-7 TP9
Test point, black, thru hole, 5011, 0.125 inch x
5011
Keystone
0.125 inch
0
0
1
U1
6-V input, 4-A Output Sync. Step-Down
TPS84410RKG
TI
Converter with PWM, QFN
0
1
0
U1
6-V input, 2-A Output Sync. Step-Down
TPS84210RKG
TI
Converter with PWM, QFN
1
0
0
U1
6-V input, 6-A Output Sync. Step-Down
TPS84610RKG
TI
Converter with PWM, QFN
1
1
1
PCB, 0.063 inch H x 1.9 inch L x 3.9 inch W
PWR059
ANY
2
2
2
Conn jumper shorting gold flash
SPC02SYAN
Sullins
4
4
4
Bumpon hemisphere 0.44 inch x 0.20 inch clear,
SJ-5303
3M
0.440 inch Dia x 0.200 inch H
Table 5. Labeling
ASSEMBLY NUMBER
TExT
PWR059-001
TPS84410EVM-001
PWR059-002
TPS84210EVM-002
PWR059-003
TPS84610EVM-003
11
SLUU633A
– September 2011 – Revised February 2012
TPS84410EVM-001/TPS84210EVM-002/TPS84610EVM-003, 2-A to 6-A
Integrated Power Solution
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com