Electronic Components Datasheet Search
  English  ▼

X  

AX8864T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # AX8864T
Description  Low-Dropout, 120mA Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AX8864T Datasheet(HTML) 5 Page - Maxim Integrated Products

  AX8864T Datasheet HTML 1Page - Maxim Integrated Products AX8864T Datasheet HTML 2Page - Maxim Integrated Products AX8864T Datasheet HTML 3Page - Maxim Integrated Products AX8864T Datasheet HTML 4Page - Maxim Integrated Products AX8864T Datasheet HTML 5Page - Maxim Integrated Products AX8864T Datasheet HTML 6Page - Maxim Integrated Products AX8864T Datasheet HTML 7Page - Maxim Integrated Products AX8864T Datasheet HTML 8Page - Maxim Integrated Products AX8864T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Low-Dropout, 120mA Linear Regulators
5
ILOAD = 0mA to 50mA, CIN = 10µF, VOUT IS AC COUPLED
LOAD TRANSIENT
3.16V
VOUT 3.15V
3.14V
ILOAD
10
µs/div
VIN = VOUT + 0.2V, ILOAD = 0mA to 50mA, CIN = 10µF,
VOUT IS AC COUPLED
LOAD TRANSIENT
ILOAD
3.16V
VOUT 3.15V
3.14V
10
µs/div
____________________________Typical Operating Characteristics (continued)
(VIN = +3.6V, CIN = 1µF, COUT = 1µF, MAX886_T, TA = +25°C, unless otherwise noted.)
ILOAD = 50mA, VOUT IS AC COUPLED
LINE TRANSIENT
3.16V
VOUT 3.15V
3.14V
4.6V
3.6V
VIN
50
µs/div
VIN = VOUT + 0.1V, ILOAD = 0mA to 50mA, CIN = 10µF,
VOUT IS AC COUPLED
LOAD TRANSIENT
0mA
50mA
10
µs/div
3.16V
VOUT 3.15V
3.14V
ILOAD
NO LOAD
MAX8864 SHUTDOWN (NO LOAD)
0V
VSHDN
4V
VOUT
0V
2V
2V
500µs/div
ILOAD = 50mA
MAX8864 SHUTDOWN
0V
VSHDN
VOUT
4V
2V
0V
2V
200µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com