Electronic Components Datasheet Search
  English  ▼

X  

MAX9271 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX9271
Description  16-Bit GMSL Serializer with Coax or STP Cable Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9271 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX9271 Datasheet HTML 17Page - Maxim Integrated Products MAX9271 Datasheet HTML 18Page - Maxim Integrated Products MAX9271 Datasheet HTML 19Page - Maxim Integrated Products MAX9271 Datasheet HTML 20Page - Maxim Integrated Products MAX9271 Datasheet HTML 21Page - Maxim Integrated Products MAX9271 Datasheet HTML 22Page - Maxim Integrated Products MAX9271 Datasheet HTML 23Page - Maxim Integrated Products MAX9271 Datasheet HTML 24Page - Maxim Integrated Products MAX9271 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
21
MAX9271
16-Bit GMSL Serializer with Coax or
STP Cable Drive
Table 1. Power-Up Default Register Map (see Table 16) (continued)
Table 2. Input Map
X = Don’t care.
*In double-input mode (DBL = 1), DINA is latched on the first cycle of PCLKIN and DINB is latched on the second cycle of PCLKIN.
REGISTER
ADDRESS (hex)
POWER-UP
DEFAULT (hex)
POWER-UP DEFAULT SETTINGS
(MSB FIRST)
0x12
0x40
RESERVED = 01000000
0x13
0x22
RESERVED = 00100010
0x14
0xXX
RESERVED = XXXXXXXX
0x15
0x00
CXTP = 0, CXTP is low
I2CSEL = 0, input is low
LCCEN = 0, local control channel disabled
RESERVED = 000
OUTPUTEN = 0, output disabled
PCLKDET = 0, no valid PCLKIN detected
0x16
0xXX
(read only)
RESERVED = XXXXXXXX
0x17
0xXX
(read only)
RESERVED = XXXXXXXX
0x1E
0x09
(read only)
ID = 00001001, device ID is 0x09
0x1F
0x0X
(read only)
RESERVED = 000
CAPS = 0, serializer is not HDCP capable
REVISION = XXXX, revision number
EDC
BWS
DBL
HVEN
DINA
DINB*
SERIAL LINK WORD BITS
0
0
0
0
0:15
—
0:15
0
0
0
1
0:13, HS, VS
—
0:13
0
0
1
0
0:10
0:10
0:21
0
0
1
1
0:10, HS, VS
0:10, HS, VS
0:21
0
1
0
0
0:15
—
0:15
0
1
0
1
0:13, HS, VS
—
0:13
0
1
1
0
0:14
0:14
0:29
0
1
1
1
0:13, HS, VS
0:13, HS, VS
0:13, 15:28
1
0
0
0
0:15
—
0:15
1
0
0
1
0:13, HS, VS
—
0:13
1
0
1
0
0:7
0:7
0:15
1
0
1
1
0:7, HS, VS
0:7, HS, VS
0:13
1
1
0
0
0:15
—
0:15
1
1
0
1
0:13, HS, VS
—
0:13
1
1
1
0
0:11
0:11
0:23
1
1
1
1
0:11, HS, VS
0:11, HS, VS
0:23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com