Electronic Components Datasheet Search
  English  ▼

X  

MAX9271 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX9271
Description  16-Bit GMSL Serializer with Coax or STP Cable Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9271 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX9271 Datasheet HTML 35Page - Maxim Integrated Products MAX9271 Datasheet HTML 36Page - Maxim Integrated Products MAX9271 Datasheet HTML 37Page - Maxim Integrated Products MAX9271 Datasheet HTML 38Page - Maxim Integrated Products MAX9271 Datasheet HTML 39Page - Maxim Integrated Products MAX9271 Datasheet HTML 40Page - Maxim Integrated Products MAX9271 Datasheet HTML 41Page - Maxim Integrated Products MAX9271 Datasheet HTML 42Page - Maxim Integrated Products MAX9271 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39
MAX9271
16-Bit GMSL Serializer with Coax or
STP Cable Drive
Internal Input Pulldowns
The control and configuration inputs (except three-level
inputs) include a pulldown resistor to GND. External pull-
down resistors are not needed.
Choosing I2C/UART Pullup Resistors
The I2C and UART open-drain lines require a pullup
resistor to provide a logic-high level. There are tradeoffs
between power dissipation and speed, and a compro-
mise may be required when choosing pullup resistor
values. Every device connected to the bus introduces
some capacitance even when the device is not in opera-
tion. I2C specifies 300ns rise times (30% to 70%) for fast
mode, which is defined for data rates up to 400kbps (see
the I2C specifications in the AC Electrical Characteristics
table for details). To meet the fast-mode rise-time require-
ment, choose the pullup resistors so that rise time tR =
0.85 x RPULLUP x CBUS < 300ns. The waveforms are not
recognized if the transition time becomes too slow. The
serializer supports I2C/UART rates up to 1Mbps (UART-
to-I2C mode) and 400kbps (I2C-to-I2C mode).
AC-Coupling
AC-coupling isolates the receiver from DC voltages up to
the voltage rating of the capacitor. Capacitors at the seri-
alizer output and at the deserializer input are needed for
proper link operation and to provide protection if either
end of the cable is shorted to a battery. AC-coupling
blocks low-frequency ground shifts and low-frequency
common-mode noise.
Selection of AC-Coupling Capacitors
Voltage droop and the digital sum variation (DSV) of trans-
mitted symbols cause signal transitions to start from dif-
ferent voltage levels. Because the transition time is fixed,
starting the signal transition from different voltage levels
causes timing jitter. The time constant for an AC-coupled
link needs to be chosen to reduce droop and jitter to an
acceptable level. The RC network for an AC-coupled link
consists of the CML/coax receiver termination resistor
(RTR), the CML/coax driver termination resistor (RTD),
and the series AC-coupling capacitors (C). The RC time
constant for four equal-value series capacitors is (C x
(RTD + RTR))/4. RTD and RTR are required to match the
transmission line impedance (usually 100I differential,
50I single-ended). This leaves the capacitor selection
to change the system time constant. Use 0.2FF or larger
high-frequency surface-mount ceramic capacitors, with
sufficient voltage rating to withstand a short to battery, to
pass the lower speed reverse control-channel signal. Use
capacitors with a case size less than 3.2mm x 1.6mm to
have lower parasitic effects to the high-speed signal.
Power-Supply Circuits and Bypassing
The serializer uses an AVDD and DVDD of 1.7V to 1.9V.
All inputs and outputs, except for the serial output, derive
power from an IOVDD of 1.7V to 3.6V that scales with
IOVDD. Proper voltage-supply bypassing is essential for
high-frequency circuit stability.
Power-Supply Table
Power-supply currents shown in the Electrical
Characteristics table are the sum of the currents from
AVDD, DVDD, and IOVDD. Typical currents from the
individual power supplies are shown in Table 14.
Cables and Connectors
Interconnect for CML typically has a differential imped-
ance of 100I. Use cables and connectors that have
matched differential impedance to minimize impedance
discontinuities. Coax cables typically have a characteris-
tic impedance of 50I contact the factory for 75I opera-
tion). Table 15 lists the suggested cables and connectors
used in the GMSL link.
Table 15. Suggested Connectors and Cables for GMSL
Table 14. Typical Power-Supply Currents
(Using Worst-Case Input Pattern)
SUPPLIER
CONNECTOR
CABLE
TYPE
Rosenberger
59S2AX-400A5-Y
RG174
Coax
JAE
MX38-FF
A-BW-Lxxxxx
STP
Nissei
GT11L-2S
F-2WME AWG28
STP
Rosenberger
D4S10A-40ML5-Z
Dacar 538
STP
PCLK
(MHz)
AVDD
(mA)
DVDD
(mA)
IOVDD
(mA)
25
36.8
9.0
0.32
50
42.1
13.7
0.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com