Electronic Components Datasheet Search
  English  ▼

X  

LPC408X Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC408X
Description  32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC408X Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC408X Datasheet HTML 35Page - NXP Semiconductors LPC408X Datasheet HTML 36Page - NXP Semiconductors LPC408X Datasheet HTML 37Page - NXP Semiconductors LPC408X Datasheet HTML 38Page - NXP Semiconductors LPC408X Datasheet HTML 39Page - NXP Semiconductors LPC408X Datasheet HTML 40Page - NXP Semiconductors LPC408X Datasheet HTML 41Page - NXP Semiconductors LPC408X Datasheet HTML 42Page - NXP Semiconductors LPC408X Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
39 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
[11] Open-drain 5 V tolerant digital I/O pad, compatible with I2C-bus 1 MHz specification. It requires an external pull-up to provide output
functionality. When power is switched off, this pin connected to the I2C-bus is floating and does not disturb the I2C lines. Open-drain
configuration applies to all functions on this pin.
[12] 5 V tolerant pad with 20 ns glitch filter providing digital I/O function with TTL levels and hysteresis.
[13] This pad can be powered from VBAT.
[14] Pad provides special analog functionality.
[15] If the RTC is not used, these pins can be left floating.
[16] When the main oscillator is not used, connect XTAL1 and XTAL2 as follows: XTAL1 can be left floating or can be grounded (grounding
is preferred to reduce susceptibility to noise). XTAL2 should be left floating.
7.
Functional description
7.1 Architectural overview
The ARM Cortex-M4 includes three AHB-Lite buses: the system bus, the I-code bus, and
the D-code bus. The I-code and D-code core buses are faster than the system bus and
are used similarly to Tightly Coupled Memory (TCM) interfaces: one bus dedicated for
instruction fetch (I-code) and one bus for data access (D-code). The use of two core
buses allows for simultaneous operations if concurrent operations target different devices.
The LPC408x/7x use a multi-layer AHB matrix to connect the ARM Cortex-M4 buses and
other bus masters to peripherals in a flexible manner that optimizes performance by
allowing peripherals that are on different slaves ports of the matrix to be accessed
simultaneously by different bus masters.
7.2 ARM Cortex-M4 processor
The ARM Cortex-M4 processor is running at frequencies of up to 120 MHz. The processor
executes the Thumb-2 instruction set for optimal performance and code size, including
hardware division, single-cycle multiply, and bit-field manipulation. A Memory Protection
Unit (MPU) supporting eight regions is included.
7.3 ARM Cortex-M4 Floating Point Unit (FPU)
Remark: The FPU is available on parts LP4088/78/76.
The FPU supports single-precision floating-point computation functionality in compliance
with the ANSI/IEEE Standard 754-2008. The FPU provides add, subtract, multiply, divide,
multiply and accumulate, and square root operations. It also performs a variety of
conversions between fixed-point, floating-point, and integer data formats.
7.4 On-chip flash program memory
The LPC408x/7x contain up to 512 kB of on-chip flash program memory. A new two-port
flash accelerator maximizes performance for use with the two fast AHB-Lite buses.
7.5 EEPROM
The LPC408x/7x contains up to 4032 byte of on-chip byte-erasable and
byte-programmable EEPROM data memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com