Electronic Components Datasheet Search
  English  ▼

X  

LPC408X Datasheet(PDF) 95 Page - NXP Semiconductors

Part # LPC408X
Description  32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC408X Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button LPC408X Datasheet HTML 91Page - NXP Semiconductors LPC408X Datasheet HTML 92Page - NXP Semiconductors LPC408X Datasheet HTML 93Page - NXP Semiconductors LPC408X Datasheet HTML 94Page - NXP Semiconductors LPC408X Datasheet HTML 95Page - NXP Semiconductors LPC408X Datasheet HTML 96Page - NXP Semiconductors LPC408X Datasheet HTML 97Page - NXP Semiconductors LPC408X Datasheet HTML 98Page - NXP Semiconductors LPC408X Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
95 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
[1]
Conditions: VSSA =0V, VDDA =3.3 V.
[2]
The ADC is monotonic, there are no missing codes.
[3]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width.
See Figure 29.
[4]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and
the ideal transfer curve after appropriate adjustment of gain and offset errors. See Figure 29.
[5]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the
straight line which fits the ideal curve. See Figure 29.
[6]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer
curve after removing offset error, and the straight line which fits the ideal transfer curve. See Figure 29.
[7]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer
curve of the non-calibrated ADC and the ideal transfer curve. See Figure 29.
[8]
See Figure 30.
[9]
8-bit resolution is achieved by ignoring the lower four bits of the ADC conversion result.
Cia
analog input
capacitance
--5
pF
Rvsi
voltage source
interface resistance
[8] --1
k
8-bit resolution[9]; 1.16 MSamples/sec
ED
differential linearity
error
[1][2][3] -
1-
LSB
EL(adj)
integral non-linearity
[1][4] -
1-
LSB
EO
offset error
[1][5] -
1-
LSB
EG
gain error
[1][6] -
1-
LSB
ET
absolute error
[1][7] --<
1.5
LSB
fclk(ADC)
ADC clock frequency
-
-
36
MHz
fc(ADC)
ADC conversion
frequency
--1.16
MHz
Cia
analog input
capacitance
--5
pF
Rvsi
voltage source
interface resistance
[8] --1
k
Table 27.
12-bit ADC characteristics …continued
VDDA = 2.7 V to 3.6 V; Tamb = 40 C to +85 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com