Electronic Components Datasheet Search
  English  ▼

X  

P5CC008XT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P5CC008XT
Description  Secure contact PKI smart card controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CC008XT Datasheet(HTML) 2 Page - NXP Semiconductors

  P5CC008XT Datasheet HTML 1Page - NXP Semiconductors P5CC008XT Datasheet HTML 2Page - NXP Semiconductors P5CC008XT Datasheet HTML 3Page - NXP Semiconductors P5CC008XT Datasheet HTML 4Page - NXP Semiconductors P5CC008XT Datasheet HTML 5Page - NXP Semiconductors P5CC008XT Datasheet HTML 6Page - NXP Semiconductors P5CC008XT Datasheet HTML 7Page - NXP Semiconductors P5CC008XT Datasheet HTML 8Page - NXP Semiconductors P5CC008XT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
P5CC008V1A_P5CC012V1A_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3 — 22 August 2012
195430
2 of 15
NXP Semiconductors
P5CC008V1A and P5CC012V1A
Secure contact PKI smart card controller
The contact interface availability enables the easy implementation of native or open
platform and multi-application operating systems in market segments such as banking,
E-passport, ID card, secure access, Java card as well as Trusted Platform Modules (TPM)
within extremely tiny SMD packages.
1.3 Naming conventions
1.4 Cryptographic hardware coprocessors
1.4.1 FameXE coprocessor
The security hardened and modular FameXE architecture supports the trend of increasing
RSA keys with faster execution speeds as well as Elliptic Curve Cryptography (ECC)
based on GF(p) or GF(2n) at best performance. FameXE supports RSA with an operand
length of up to 8-kbit (up to 4-kbit with intermediate storage in RAM only).
The FameXE PKI coprocessor supports 192-bit ECC key length that offers the same level
of security as 2048-bit RSA. An ECC GF(2n) based signature, using a 163-bit key can be
executed in less than 30 ms providing a security level comparable to 1024-bit RSA. The
operand size for ECC, supported by FameXE, is only limited by the 2.5 KB size of the
FXRAM. FameXE is easy to use and the flexible interface provides programmers with the
freedom to implement their own cryptography solutions. A secure and CC EAL5+ certified
crypto library providing a large range of required functions will be available for all devices
in order to support customers in implementing public key-based solutions.
1.4.2 Triple-DES coprocessor
The DES widely used for symmetric encryption is supported by a dedicated, high
performance, highly attack-resistant hardware coprocessor. Single DES and Triple-DES,
based on two or three DES keys, can be executed within less than 40
s. Relevant
standards (ISO/IEC, ANSI, FIPS) and Message Authentication Code (MAC) are fully
supported.A secured and CC EAL5+ certified crypto library will be available for all devices
in order to support customers in implementing 3DES based solutions.
1.5 SmartMX interface
1.5.1 SmartMX contact interface
Operating in accordance with ISO/IEC 7816, the SmartMX contact interface is supported
by a built-in Universal Asynchronous Receiver/Transmitter (UART), which enables data
rates of up to 1 Mbit/s allowing for the automatic generation of all typical baud rates and
supports transmission protocols T=0 and T=1. An additional IO is available for proprietary
use.
Table 1.
Naming conventions
P5xyzzz SmartMX platform
x
Type of category:
C = PKI controller + Triple-DES coprocessor
S = Triple-DES coprocessor
y
Interface options:
C = contact interface - ISO/IEC 7816
zzz
Amount of non-volatile memory in KB, increasing count for further product options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com