| Electronic Components Datasheet Search |
|
P5CC008XT Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5CC008XT Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 15 page ![]() P5CC008V1A_P5CC012V1A_FAM_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product short data sheet COMPANY PUBLIC Rev. 3 — 22 August 2012 195430 3 of 15 NXP Semiconductors P5CC008V1A and P5CC012V1A Secure contact PKI smart card controller 1.6 Security features SmartMX incorporates a wide range of both inherent and OS-controlled security features as countermeasure against all types of attacks. NXP Semiconductors apply their extensive knowledge of chip security, combined with handshaking circuit technology, very dense 5-metal layer 0.14 m technology, glue logic and active shielding methodology for optimum results in CC EAL5+, EMVCo and other third party certifications and approvals. The SmartMX security features are acknowledged by most of the NXP Semiconductors customers for their outstanding properties. The counter measures against light attacks are regarded as “best-in-class”. 1.7 Security evaluation and certificates Hardware security certification in accordance with CC EAL5+ is attained. Also, third-party approval such as EMVCo (VISA, CAST), ZKA and others, depending on the application requirements, are available. NXP Semiconductors continues to drive forward third party security evaluations to provide its customers with the relevant information and documentation needed to execute subsequent composite evaluations of implemented applications. 1.8 Security licensing In addition to the various intellectual properties regarding attack resistance of the NXP Semiconductors’ owned SmartMX family, NXP Semiconductors has obtained a patent license for SPA and DPA countermeasures from Cryptography Research Incorporated (CRI). This license covers both hardware and software countermeasures. It is important to customers that countermeasures within the operation system are covered under this license agreement with CRI. Further details can be obtained on request. 1.9 Optional crypto library NXP Semiconductors offer an optional crypto library for all family types: • Various algorithms – DES and Triple-DES encryption and decryption using the DES coprocessor – RSA encryption and decryption, signature generation and verification for straightforward and CRT keys up to 5024 bits – RSA key generation – ECC over GF(p) signature generation and verification (ECDSA) and Diffie-Hellman key exchange for keys up to 544 bits – ECC over GF(p) key generation – ECC over GF(2n) signature generation and verification (ECDSA) and Diffie-Hellman key exchange for keys up to 544 bits – ECC over GF(2n) key generation – SHA-1, SHA-224 and SHA-256 hash algorithm – Pseudo-Random Number Generator (PRNG) • Easy to use API for all algorithms |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |