Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  짹1째C Remote and Local TEMPERATURE SENSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP421 Datasheet(HTML) 4 Page - Texas Instruments

  TMP421 Datasheet HTML 1Page - Texas Instruments TMP421 Datasheet HTML 2Page - Texas Instruments TMP421 Datasheet HTML 3Page - Texas Instruments TMP421 Datasheet HTML 4Page - Texas Instruments TMP421 Datasheet HTML 5Page - Texas Instruments TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TMP421
TMP422
TMP423
SBOS398C – JULY 2007 – REVISED MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: TMP421C
At TA = –40°C to +125°C and V+ = 2.55V to 5.5V, unless otherwise noted.
TMP421C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
Local Temperature Sensor
TELOCAL
TA = –40°C to +125°C
±1.25
±2.5
°C
TA = +15°C to +85°C, V+ = 3.3V
±0.25
±1.5
°C
Remote Temperature Sensor(1)
TEREMOTE
TA = +15°C to +85°C, TD = –40°C to +150°C, V+ = 3.3V
±0.25
±1
°C
TA = –40°C to +100°C, TD = –40°C to +150°C, V+ = 3.3V
±1
±3
°C
TA = –40°C to +125°C, TD = –40°C to +150°C
±3
±5
°C
vs Supply (Local/Remote)
V+ = 2.55V to 5.5V
±0.2
±0.5
°C/V
TEMPERATURE MEASUREMENT
Conversion Time (per channel)
100
115
130
ms
Resolution
Local Temperature Sensor (programmable)
12
Bits
Remote Temperature Sensor
12
Bits
Remote Sensor Source Currents
High
Series Resistance 3k
Ω Max
120
μA
Medium High
60
μA
Medium Low
12
μA
Low
6
μA
Remote Transistor Ideality Factor
η
TMP421C Optimized Ideality Factor
1.008
SMBus INTERFACE
Logic Input High Voltage (SCL, SDA)
VIH
2.1
V
Logic Input Low Voltage (SCL, SDA)
VIL
0.8
V
Hysteresis
500
mV
SMBus Output Low Sink Current
6
mA
SDA Output Low Voltage
VOL
IOUT = 6mA
0.15
0.4
V
Logic Input Current
0
≤ VIN ≤ 6V
–1
+1
μA
SMBus Input Capacitance (SCL, SDA)
3
pF
SMBus Clock Frequency
3.4
MHz
SMBus Timeout
25
30
35
ms
SCL Falling Edge to SDA Valid Time
1
μs
DIGITAL INPUTS
Input Capacitance
3
pF
Input Logic Levels
Input High Voltage
VIH
0.7(V+)
(V+)+0.5
V
Input Low Voltage
VIL
–0.5
0.3(V+)
V
Leakage Input Current
IIN
0V
≤ VIN ≤ V+
1
μA
POWER SUPPLY
Specified Voltage Range
V+
2.55
5.5
V
Quiescent Current
IQ
0.0625 Conversions per Second
32
38
μA
Eight Conversions per Second
400
525
μA
Serial Bus Inactive, Shutdown Mode
3
10
μA
Serial Bus Active, fS = 400kHz, Shutdown Mode
90
μA
Serial Bus Active, fS = 3.4MHz, Shutdown Mode
350
μA
Undervoltage Lockout
UVLO
2.3
2.4
2.5
V
Power-On Reset Threshold
POR
1.6
2.3
V
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Storage Range
–60
+130
°C
Thermal Resistance
θJA
DSBGA
128
°C/W
(1)
Tested with less than 5
Ω effective series resistance and 100pF differential input capacitance.
4
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com