Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  짹1째C Remote and Local TEMPERATURE SENSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 3Page - Texas Instruments TMP421 Datasheet HTML 4Page - Texas Instruments TMP421 Datasheet HTML 5Page - Texas Instruments TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
3
2
1
0
-
1
-
2
-
3
AmbientTemperature,T ( C)
°
A
-
50
-
25
125
100
75
50
25
0
V+=3.3V
T
=+25 C
REMOTE
°
30TypicalUnitsShown
h
=1.008
AmbientTemperature,T (
A °C)
3
2
1
0
-
1
-
2
-
3
-
50
125
-
25
0
25
50
75
100
50UnitsShown
V+=3.3V
60
40
20
0
-
20
-
40
-
60
LeakageResistance(M )
W
0
5
10
15
20
25
30
R
GND
-
R
V+
-
R
W
( )
S
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
0
3500
500
1000
1500
2000
2500
3000
V+=2.7V
V+=5.5V
TMP421
TMP422
TMP423
www.ti.com
SBOS398C – JULY 2007 – REVISED MAY 2012
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = +5.0V, unless otherwise noted.
REMOTE TEMPERATURE ERROR
LOCAL TEMPERATURE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 1.
Figure 2.
REMOTE TEMPERATURE ERROR
REMOTE TEMPERATURE ERROR
vs SERIES RESISTANCE
vs LEAKAGE RESISTANCE
(Diode-Connected Transistor, 2N3906 PNP)
Figure 3.
Figure 4.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com