Electronic Components Datasheet Search
  English  ▼

X  

5016 Datasheet(PDF) 21 Page - Texas Instruments

Part # 5016
Description  INA223EVM User?셲 Guide and Software Tutorial
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5016 Datasheet(HTML) 21 Page - Texas Instruments

Back Button 5016 Datasheet HTML 17Page - Texas Instruments 5016 Datasheet HTML 18Page - Texas Instruments 5016 Datasheet HTML 19Page - Texas Instruments 5016 Datasheet HTML 20Page - Texas Instruments 5016 Datasheet HTML 21Page - Texas Instruments 5016 Datasheet HTML 22Page - Texas Instruments 5016 Datasheet HTML 23Page - Texas Instruments 5016 Datasheet HTML 24Page - Texas Instruments 5016 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ti.com
INA223EVM Software Overview
5.3.3
Example Hardware Calculator
The Example Hardware Calculator tab allows the user to simulate the analog results of the INA223EVM.
By adjusting the controls on this page, and entering inputs for Vin+ (V), Vin- (V), and Rshunt, the
approximate values for Vout (V) and Power (W) can be estimated. Note that the appropriate output mode
must be selected to ensure accurate results, and that no limitations of the device are violated in the Error
field.
This calculator is used to help ensure that the physical output and settings are operating correctly. The
EVM and device digital communication interface are only designed to configure the device settings. There
is no analog readback available with this EVM. This means that the output voltages shown on this
calculator tab in the software are calculated results based on the parameters entered and not
representative of the measurements of the actual device.
Figure 22. Example Hardware Calculator
21
SBOU125 – June 2012
INA223EVM User’s Guide and Software Tutorial
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com