Electronic Components Datasheet Search
  English  ▼

X  

5016 Datasheet(PDF) 11 Page - Texas Instruments

Part # 5016
Description  INA223EVM User?셲 Guide and Software Tutorial
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5016 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5016 Datasheet HTML 7Page - Texas Instruments 5016 Datasheet HTML 8Page - Texas Instruments 5016 Datasheet HTML 9Page - Texas Instruments 5016 Datasheet HTML 10Page - Texas Instruments 5016 Datasheet HTML 11Page - Texas Instruments 5016 Datasheet HTML 12Page - Texas Instruments 5016 Datasheet HTML 13Page - Texas Instruments 5016 Datasheet HTML 14Page - Texas Instruments 5016 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
R
SHUNT
Attenuator
Load
Two-Wire
Interface
GND
INA223
C
BYPASS
0.1 F
m
V (Supply Voltage)
S
Power Supply
(0V to 26V)
R
4.7k
PULLUP
W
V
IN-
V
IN+
V
OUT
SCL
SDA
A0
0
Resistors
W
Unpopulated C3
www.ti.com
INA223EVM Hardware Overview
3.6.4
V
IN+ and VIN– Input Filter (R4, R3, and C3)
The INA223EVM has an optional input filter located between the terminal block T2 and the INA223 input
pins. This filter helps to remove high-frequency noise from the V
IN+ and VIN– inputs. The EVM ships with
this filter not used. C3 is typically unpopulated and R3 and R4 have 0-
Ω resistors installed. If filtering is
desired, limit the value for R3 and R4 to 10-
Ω or less. Figure 9 shows the typical setup that is
recommended for basic INA223 evaluation. See the INA223 data sheet (SBOS528) for more details.
Figure 9. Typical Filter Setup
3.6.5
Shunt Monitor Configuration and Terminal Block T2
The INA223 is typically used in a high-side configuration, as shown in Figure 10. The T2 terminal block
includes the connections for V
IN+ and VIN–, which should be connected directly across the shunt resistor.
Depending on the user’s needs, either of these configurations may be used without any changes needed
to the INA223EVM board or software.
Figure 10. INA223 Shunt Configurations
11
SBOU125 – June 2012
INA223EVM User’s Guide and Software Tutorial
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com