Electronic Components Datasheet Search
  English  ▼

X  

TM2EP64DPN Datasheet(PDF) 29 Page - Texas Instruments

Part # TM2EP64DPN
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM2EP64DPN Datasheet(HTML) 29 Page - Texas Instruments

Back Button TM2EP64DPN Datasheet HTML 25Page - Texas Instruments TM2EP64DPN Datasheet HTML 26Page - Texas Instruments TM2EP64DPN Datasheet HTML 27Page - Texas Instruments TM2EP64DPN Datasheet HTML 28Page - Texas Instruments TM2EP64DPN Datasheet HTML 29Page - Texas Instruments TM2EP64DPN Datasheet HTML 30Page - Texas Instruments TM2EP64DPN Datasheet HTML 31Page - Texas Instruments TM2EP64DPN Datasheet HTML 32Page - Texas Instruments TM2EP64DPN Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
TM2EP64DPN, TM2EP64DJN, TM4EP64DPN, TM4EP64DJN
TM2EP72DPN, TM2EP72DJN, TM4EP72DPN, TM4EP72DJN
EXTENDEDDATAOUT DYNAMIC RAM MODULES
SMMS684A − AUGUST 1997 − REVISED FEBRUARY 1998
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted)
TM2EP64DxN
PARAMETER
TEST CONDITIONS†
’2EP64DxN-50
’2EP64DxN-60
’2EP64DxN-70
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level
output
IOH = − 2 mA
LVTTL
2.4
2.4
2.4
V
VOH
output
voltage
IOH = − 100 µA
LVCMOS
VDD −0.2
VDD −0.2
VDD −0.2
V
VOL
Low-level
output
IOL = 2 mA
LVTTL
0.4
0.4
0.4
V
VOL
output
voltage
IOL = 100 µA
LVCMOS
0.2
0.2
0.2
V
II
Input current
(leakage)
VDD = 3.6 V,
VI = 0 V to 3.9 V,
All others = 0 V to VDD
± 10
± 10
± 10
µA
IO
Output
current
(leakage)
VDD = 3.6 V,
VO = 0 V to VDD,
CASx high
± 10
± 10
± 10
µA
ICC1‡§
Read- or
write-cycle
current
VDD = 3.6 V,
Minimum cycle
960
800
720
mA
Standby
VIH = 2 V (LVTTL),
After one memory cycle,
RASx and CASx high
16
16
16
mA
ICC2
Standby
current
VIH = VDD − 0.2 V
(LVCMOS),
After one memory cycle,
RASx and CASx high
8
8
8
mA
ICC3‡§
Average
refresh
current
(RAS-only
refresh
or CBR)
VDD = 3.6 V,
Minimum cycle,
RASx cycling,
CASx high (RAS-only refresh),
RASx low after CASx low (CBR)
960
800
720
mA
ICC4‡¶
Average
EDO current
VDD = 3.6 V,
tHPC = MIN,
RASx low,
CASx cycling
880
720
640
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RASx = VIL
¶ Measured with a maximum of one address change during each EDO cycle, tHPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com