Electronic Components Datasheet Search
  English  ▼

X  

TM2EP64DPN Datasheet(PDF) 39 Page - Texas Instruments

Part # TM2EP64DPN
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM2EP64DPN Datasheet(HTML) 39 Page - Texas Instruments

Back Button TM2EP64DPN Datasheet HTML 35Page - Texas Instruments TM2EP64DPN Datasheet HTML 36Page - Texas Instruments TM2EP64DPN Datasheet HTML 37Page - Texas Instruments TM2EP64DPN Datasheet HTML 38Page - Texas Instruments TM2EP64DPN Datasheet HTML 39Page - Texas Instruments TM2EP64DPN Datasheet HTML 40Page - Texas Instruments TM2EP64DPN Datasheet HTML 41Page - Texas Instruments TM2EP64DPN Datasheet HTML 42Page - Texas Instruments TM2EP64DPN Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
TM2EP64DPN, TM2EP64DJN, TM4EP64DPN, TM4EP64DJN
TM2EP72DPN, TM2EP72DJN, TM4EP72DPN, TM4EP72DJN
EXTENDEDDATAOUT DYNAMIC RAM MODULES
SMMS684A − AUGUST 1997 − REVISED FEBRUARY 1998
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial presence detect (continued)
Table 4. Serial Presence Detect Data for the TM4EP64DxN
BYTE
FUNCTION DESCRIBED
’4EP64DxN-50
’4EP64DxN-60
’4EP64DxN-70
BYTE
NO.
FUNCTION DESCRIBED
ITEM
DATA
ITEM
DATA
ITEM
DATA
0
Defines number of bytes written
into serial memory during module
manufacturing
128 bytes
80h
128 bytes
80h
128 bytes
80h
1
Total number of bytes of SPD
memory device
256 bytes
08h
256 bytes
08h
256 bytes
08h
2
Fundamental memory type (FPM,
EDO, SDRAM)
EDO
02h
EDO
02h
EDO
02h
3
Number of row addresses on this
assembly
11
0Bh
11
0Bh
11
0Bh
4
Number of column addresses on
this assembly
10
0Ah
10
0Ah
10
0Ah
5
Number of module banks on this
assembly
2 banks
02h
2 banks
02h
2 banks
02h
6
Data width of this assembly
64 bits
40h
64 bits
40h
64 bits
40h
7
Data width continuation
00h
00h
00h
8
Voltage interface standard of this
assembly
LVTTL
01h
LVTTL
01h
LVTTL
01h
9
RASx access time of module
tRAC = 50 ns
32h
tRAC = 60 ns
3Ch
tRAC = 70 ns
46h
10
CASx access time of module
tCAC = 13 ns
0Dh
tCAC = 15 ns
0Fh
tCAC = 18 ns
12h
11
DIMM configuration type
(non-parity, parity, ECC)
Non-Parity
00h
Non-Parity
00h
Non-Parity
00h
12
Refresh rate / type
15.6
µs
00h
15.6
µs
00h
15.6
µs
00h
13
DRAM width, primary DRAM
x8
08h
x8
08h
x8
08h
14
Error-checking SDRAM data width
N/A
00h
N/A
00h
N/A
00h
62
SPD revision
Rev. 1
01h
Rev. 1
01h
Rev. 1
01h
63
Checksum for bytes 0 − 62
42
2Ah
54
36h
67
43h
64−71
Manufacturer’s JEDEC ID code per
JEP-106E
97h
9700...00h
97h
9700...00h
97h
9700...00h
72
Manufacturing location†
TBD
TBD
TBD
73−90
Manufacturer’s part number†
TBD
TBD
TBD
91
Die revision code†
TBD
TBD
TBD
92
PCB revision code†
TBD
TBD
TBD
93−94
Manufacturing date†
TBD
TBD
TBD
95−98
Assembly serial number†
TBD
TBD
TBD
99−125
Manufacturer specific data†
TBD
TBD
TBD
126−127
Vendor specific data†
TBD
TBD
TBD
128−166
System integrator’s specific data‡
TBD
TBD
TBD
167−255
Open
† TBD indicates values are determined at manufacturing time and are module dependent.
‡ These TBD values are determined and programmed by the customer (optional).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com